Electronic Components Datasheet Search
  English  ▼

X  

MP07644 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP07644
Description  SAW Filter 403.50MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP07644 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP07644 Datasheet HTML 1Page - Golledge Electronics Ltd MP07644 Datasheet HTML 2Page - Golledge Electronics Ltd MP07644 Datasheet HTML 3Page - Golledge Electronics Ltd MP07644 Datasheet HTML 4Page - Golledge Electronics Ltd MP07644 Datasheet HTML 5Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 403.50MHz
Model: TA1135B
Part No: MP07644
Rev No: 1
TA1135B v1
1
A. MAXIMUM RATING:
E
lectrostatic Sensitive Device
1. Input Power Level: 20dBm
2. DC voltage: 3V
3. Operating Temperature: -10°C to 60°C
4. Storage Temperature: -40°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Item
Unit
Min.
Typ.
Max.
Center frequency Fc
MH
-
403.5
-
Minimum Insertion loss 402 ~ 405MHz IL min
dB
-
1.5
2.5
Passband Ripple 402 ~ 405MHz
-
0.3
1.25
3dB Bandwidth BW -3dB
MHz
3
7.6
-
Attenuation (Reference level from IL min dB)
358.5 MHz
dB
40
64
-
358.5 ~ 384.0MHz
dB
35
59
-
415.0 ~ 423.0MHz
dB
25
36
-
423.0 ~ 503.0MHz
dB
40
59
-
Temperature coefficient of frequency
ppm/k
-37
Source impedance ZS
Ω
-
50
-
Load impedance ZL
Ω
-
50
-
Note 1: IL min is the minimum of the pass band attenuation. The center frequency Fc is the
mean value of the upper and lower frequencies at the 3dB filter attenuation level relative to
the IL min.
Note 2: The room temperature, Tr, is 25°C. FTC is temperature coefficient of frequency. The
nominal frequency at temperature, Tc, may be calculated from f = Fc [1-FTC(Tr-Tc)].
C. MEASUREMENT CIRCUIT:

HP Network analyzer

SAW Filter
B
E
A,C,D,F


Similar Part No. - MP07644

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP07645 GOLLEDGE-MP07645 Datasheet
267Kb / 6P
SAW Filter 433.920MHz
MP07646 GOLLEDGE-MP07646 Datasheet
145Kb / 6P
SAW Filter 434.70MHz
More results

Similar Description - MP07644

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
logo
Golledge Electronics Lt...
MA07543 GOLLEDGE-MA07543 Datasheet
169Kb / 8P
SAW Filter 403.50MHz
MP02229 GOLLEDGE-MP02229 Datasheet
92Kb / 5P
SAW Filter 403.50MHz
MA09369 GOLLEDGE-MA09369 Datasheet
133Kb / 5P
403.50MHz SAW Filter
MP03988 GOLLEDGE-MP03988 Datasheet
90Kb / 5P
SAW Filter 403.50MHz
MP07250 GOLLEDGE-MP07250 Datasheet
252Kb / 6P
SAW Filter 403.50MHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com