Electronic Components Datasheet Search
  English  ▼

X  

BAV70DW Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # BAV70DW
Description  Switching Diode Plastic-Encapsulate Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BAV70DW Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BAV70DW Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BAV70DW Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
BAV70DW
Switching Diode Plastic-Encapsulate Diode
07-Feb-2018 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Fast Switching Speed
Ultra-Small Surface Mount Package
For General Purpose Switching Applications
High Conductance
MARKING
KJA
●
PACKAGE INFORMATION
ORDER INFORMATION
ABSOLUTE MAXIMUM RATINGS (T
A=25°C unless otherwise noted)
Parameter
Symbol
Ratings
Unit
Peak Repetitive Peak Reverse Voltage
VRRM
100
V
Working Peak Reverse Voltage
VRWM
100
V
DC Blocking Voltage
VR
75
V
Forward Continuous Current
IFM
300
mA
Average Rectified Output Current
IO
150
mA
Non-Repetitive Peak Forward Surge Current @t=8.3ms
IFSM
2
A
Power Dissipation
PD
200
mW
Thermal Resistance From Junction-Ambient
RθJA
625
°C/W
Junction & Storage Temperature
TJ, TSTG
150, -55~150
°C
ELECTRICAL CHARACTERISTICS (T
A=25°C unless otherwise noted)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Reverse Voltage
V(BR)
75
-
-
V
IR=2.5µA
-
-
2.5
µA
VR=75V
Reverse Current
IR
-
-
25
nA
VR=20V
-
-
0.715
IF=1mA
-
-
0.855
IF=10mA
-
-
1
IF=50mA
Forward Voltage
VF
-
-
1.25
V
IF=150mA
Total Capacitance
Ctot
-
2
-
pF
VR=0, f=1MHz
Reverse Recovery Time
trr
-
4
-
nS
IF=IR=10mA, Irr=0.1xIR, RL=100
Package
MPQ
Leader Size
SOT-363
3K
7 inch
Part Number
Type
BAV70DW
Lead (Pb)-free
BAV70DW-C
Lead (Pb)-free and Halogen-free
SOT-363
B
L
F
H
C
J
D G
K
A
E
1
2
3
6
5
4
Top View
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
1.80
2.20
G
0.100 REF.
B
1.80
2.45
H
0.525 REF.
C
1.15
1.35
J
0.08
0.25
D
0.80
1.10
K
8°
E
1.10
1.50
L
0.650 TYP.
F
0.10
0.35
Pin 1


Similar Part No. - BAV70DW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAV70DW DIODES-BAV70DW Datasheet
62Kb / 3P
QUAD SURFACE MOUNT SWITCHING DIODE ARRAY
DS30132 Rev. 4 - 2
logo
Weitron Technology
BAV70DW WEITRON-BAV70DW Datasheet
277Kb / 3P
Surface Mount Switching Multi-Chip Diode Array
logo
Diodes Incorporated
BAV70DW DIODES-BAV70DW Datasheet
355Kb / 3P
QUAD SURFACE MOUNT SWITCHING DIODE ARRAY
DS30132 Rev. 8 - 2
BAV70DW DIODES-BAV70DW Datasheet
130Kb / 3P
SURFACE MOUNT SWITCHING DIODE ARRAY
Rev. 11 - 2 April 2008
logo
Pan Jit International I...
BAV70DW PANJIT-BAV70DW Datasheet
130Kb / 3P
SURFACE MOUNT SWITCHING DIODES
More results

Similar Description - BAV70DW

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BAV70W RECTRON-BAV70W Datasheet
379Kb / 2P
SOT-323 PLASTIC ENCAPSULATE SWITCHING DIODE
logo
SeCoS Halbleitertechnol...
BAV199DW SECOS-BAV199DW Datasheet
104Kb / 1P
Switching Diode Plastic-Encapsulate Diode
BAV199DW SECOS-BAV199DW_15 Datasheet
104Kb / 1P
Switching Diode Plastic-Encapsulate Diode
logo
WILLAS ELECTRONIC CORP
SCS421DS WILLAS-SCS421DS Datasheet
448Kb / 4P
Plastic-Encapsulate Diodes FAST SWITCHING DIODE
logo
Yea Shin Technology Co....
BAS19W YEASHIN-BAS19W Datasheet
414Kb / 2P
SOT-323 Plastic-Encapsulate DIODE SWITCHING DIODE
BAS20W YEASHIN-BAS20W Datasheet
414Kb / 2P
SOT-323 Plastic-Encapsulate DIODE SWITCHING DIODE
BAS21W YEASHIN-BAS21W Datasheet
414Kb / 2P
SOT-323 Plastic-Encapsulate DIODE SWITCHING DIODE
MMBD4448W YEASHIN-MMBD4448W Datasheet
442Kb / 2P
SOT-323 Plastic-Encapsulate DIODE SWITCHING DIODE
logo
Dongguan City Niuhang E...
MMBD4148 NIUHANG-MMBD4148 Datasheet
212Kb / 3P
PLASTIC-ENCAPSULATE SWITCHING DIODE
logo
Rectron Semiconductor
BAS16V RECTRON-BAS16V Datasheet
247Kb / 4P
SOT-23 Plastic-Encapsulate Switching Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com