Electronic Components Datasheet Search
  English  ▼

X  

SCS40STN-C Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SCS40STN-C
Description  Silicon Epitaxial Planar Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCS40STN-C Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SCS40STN-C Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCS40STN-C Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SCS40STN-C
0.12A, 40V
Silicon Epitaxial Planar Schottky Barrier Rectifiers
Elektronische Bauelemente
01-Nov-2017 Rev. C
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
1
1
1
1
Cathode
2
2
2
2
Anode
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
DESCRIPTION
Planar Schottky barrier diode with an integrated guard ring
for stress protection.
FEATURES
Low Diode Capacitance
Low Forward Voltage
Guard Ring Protected
High Breakdown Voltage
APPLICATION
Ultra High-Speed Switching
Voltage Clamping
Mobile Communication, Digital (Still) Cameras,
PDAs and PCMCIA Cards
MARKING
PACKAGE INFORMATION
ORDER INFORMATION
MAXIMUM RATINGS CHARACTERISTICS (T
A=25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
DC Reverse Voltage
VR
40
V
Forward Continuous Current
IF
120
mA
Peak Forward Surge Current @tp<10ms
IFSM
200
mA
Junction, Storage Temperature Range
TJ, TSTG
150, -55~150
°C
ELECTRICAL CHARACTERISTICS (T
A=25°C unless otherwise specified)
Parameters
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Forward Voltage
VF
-
-
0.38
V
IF=1mA
-
-
0.5
IF=10mA
-
-
1
IF=40mA
Reverse Current
1
IR
-
-
1
µ
A
VR=30V
-
-
10
VR=40V
Diode capacitance
Cd
-
-
5
pF
VR=0, f=1MHz
Note:
1.
Pulse Test: tp=300µs; δ=0.02.
Package
MPQ
Leader Size
WBFBP-02C
10K
7 inch
Part Number
Type
SCS40STN-C
Lead (Pb)-free and Halogen-free
WBFBP-02C
1
1
1
1
2
2
2
2
A
C
B
F
M
M
G
J
H
K
E
D
L
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
0.95
1.05
G
0.25
0.35
B
0.55
0.65
H
0.25
0.35
C
0.44
0.55
J
0.275
0.47
D
0.470 REF.
K
0.555
0.725
E
0.420 REF.
L
0.010
0.100
F
0.27
0.37
M
0.030 REF.


Similar Part No. - SCS40STN-C

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS40STN SECOS-SCS40STN Datasheet
325Kb / 2P
Silicon Epitaxial Planar Schottky Barrier Rectifiers
SCS40STN SECOS-SCS40STN_15 Datasheet
325Kb / 2P
Silicon Epitaxial Planar Schottky Barrier Rectifiers
More results

Similar Description - SCS40STN-C

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS521DS SECOS-SCS521DS Datasheet
256Kb / 2P
Silicon Epitaxial Planar Schottky Barrier Rectifiers
SCS0240DF SECOS-SCS0240DF Datasheet
244Kb / 2P
Silicon Epitaxial Planar Schottky Barrier Rectifiers
SCS40STN SECOS-SCS40STN Datasheet
325Kb / 2P
Silicon Epitaxial Planar Schottky Barrier Rectifiers
SCS70DSTN SECOS-SCS70DSTN Datasheet
98Kb / 1P
Silicon Epitaxial Planar Schottky Barrier Rectifiers
SCS40STN SECOS-SCS40STN_15 Datasheet
325Kb / 2P
Silicon Epitaxial Planar Schottky Barrier Rectifiers
SCS0240DF SECOS-SCS0240DF_15 Datasheet
233Kb / 2P
Silicon Epitaxial Planar Schottky Barrier Rectifiers
SCS70DSTN-C SECOS-SCS70DSTN-C Datasheet
175Kb / 2P
Silicon Epitaxial Planar Schottky Barrier Rectifiers
SCS521U SECOS-SCS521U Datasheet
340Kb / 2P
Silicon Epitaxial Planar Schottky Barrier Rectifiers
SCS751U-C SECOS-SCS751U-C Datasheet
257Kb / 2P
Silicon Epitaxial Planar Schottky Barrier Rectifiers
SCS521DS SECOS-SCS521DS_16 Datasheet
250Kb / 2P
Silicon Epitaxial Planar Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com