Electronic Components Datasheet Search
  English  ▼

X  

SCS521U Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SCS521U
Description  Silicon Epitaxial Planar Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCS521U Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SCS521U Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCS521U Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SCS521U
0.2 A, 30 V
Silicon Epitaxial Planar Schottky Barrier Rectifiers
12-Dec-2016 Rev. A
Page 1 of 2
F
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
●
Low Forward Voltage Drop
●
Small Surface Mounting Type
●
RoHS Compliant
●
Green EMC
●
Matte Tin(Sn) Lead Finish
●
Band Indicates Cathode
●
Weight: Approx.0.001g
MARKING
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOD-882
10K
7inch
ABSOLUTE MAXIMUM RATINGS (T
A=25°C unless otherwise specified)
Parameter
Symbol
Limits
Unit
DC Reverse Voltage
VR
30
V
Average Forward Current
IF
200
mA
Peak Forward Surge Current @8.3ms Single Half Sine-Wave
IFSM
0.5
A
Power Dissipation
PD
150
mW
Operating Junction and Storage Temperature Range
TJ, TSTG
125, -55 ~ 125
°C
ELECTRICAL CHARACTERISTICS (T
A=25°C unless otherwise specified)
Parameters
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
-
-
0.35
IF=10mA
Forward Voltage
VF
-
-
0.5
V
IF=200mA
Reverse Current
IR
-
-
30
uA
VR=10V
SOD-882
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
0.95
1.05
E
0.55
0.65
B
0.45
0.55
F
0.46
0.50
C
0.65 TYP
G
-
0.03
D
0.20
0.30
F
Cathode


Similar Part No. - SCS521U

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
SCS521CS-30T5G WILLAS-SCS521CS-30T5G Datasheet
405Kb / 3P
100mA Surface Mount Schottky Barrier Rectifiers - 30V
logo
SeCoS Halbleitertechnol...
SCS521DS SECOS-SCS521DS Datasheet
256Kb / 2P
Silicon Epitaxial Planar Schottky Barrier Rectifiers
SCS521DS SECOS-SCS521DS Datasheet
129Kb / 2P
0.1 A, 30 V Silicon Epitaxial Planar Schottky Barrier Rectifiers
SCS521DS SECOS-SCS521DS Datasheet
250Kb / 2P
Silicon Epitaxial Planar Schottky Barrier Rectifiers
SCS521DS SECOS-SCS521DS_09 Datasheet
129Kb / 2P
0.1 A, 30 V Silicon Epitaxial Planar Schottky Barrier Rectifiers
More results

Similar Description - SCS521U

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS521DS SECOS-SCS521DS Datasheet
256Kb / 2P
Silicon Epitaxial Planar Schottky Barrier Rectifiers
SCS0240DF SECOS-SCS0240DF Datasheet
244Kb / 2P
Silicon Epitaxial Planar Schottky Barrier Rectifiers
SCS40STN SECOS-SCS40STN Datasheet
325Kb / 2P
Silicon Epitaxial Planar Schottky Barrier Rectifiers
SCS70DSTN SECOS-SCS70DSTN Datasheet
98Kb / 1P
Silicon Epitaxial Planar Schottky Barrier Rectifiers
SCS40STN SECOS-SCS40STN_15 Datasheet
325Kb / 2P
Silicon Epitaxial Planar Schottky Barrier Rectifiers
SCS0240DF SECOS-SCS0240DF_15 Datasheet
233Kb / 2P
Silicon Epitaxial Planar Schottky Barrier Rectifiers
SCS40STN-C SECOS-SCS40STN-C Datasheet
313Kb / 2P
Silicon Epitaxial Planar Schottky Barrier Rectifiers
SCS70DSTN-C SECOS-SCS70DSTN-C Datasheet
175Kb / 2P
Silicon Epitaxial Planar Schottky Barrier Rectifiers
SCS751U-C SECOS-SCS751U-C Datasheet
257Kb / 2P
Silicon Epitaxial Planar Schottky Barrier Rectifiers
SCS521DS SECOS-SCS521DS_16 Datasheet
250Kb / 2P
Silicon Epitaxial Planar Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com