Electronic Components Datasheet Search
  English  ▼

X  

CV211-2 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # CV211-2
Description  UMTS-band Dual-Branch Downconverter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CV211-2 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  CV211-2 Datasheet HTML 1Page - List of Unclassifed Manufacturers CV211-2 Datasheet HTML 2Page - List of Unclassifed Manufacturers CV211-2 Datasheet HTML 3Page - List of Unclassifed Manufacturers CV211-2 Datasheet HTML 4Page - List of Unclassifed Manufacturers CV211-2 Datasheet HTML 5Page - List of Unclassifed Manufacturers CV211-2 Datasheet HTML 6Page - List of Unclassifed Manufacturers CV211-2 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
September 2004
The Communications Edge
TM
CV211-2
UMTS-band Dual-Branch Downconverter
Product Information
CV211-2PCB240 Application Circuit Performance Plots (cont’d)
L-RIsolationvs LOFrequency
Referenced with LO= 0 dBm
0
5
10
15
20
25
1500
1600
1700
1800
1900
2000
2100
LOFrequency (MHz)
-40° C
+25° C
+85° C
L-I Isolationvs LOFrequency
Referenced with LO= 0 dBm
15
20
25
30
35
40
1500
1600
1700
1800
1900
2000
2100
LOFrequency (MHz)
-40° C
+25° C
+85° C
Branch-BranchIsolationvs RF Frequency
25° C
0
10
20
30
40
50
1900
1950
2000
2050
2100
2150
2200
RFFrequency (MHz)
IFReturnLoss vs IFFrequency
25° C
0
5
10
15
20
25
30
215
225
235
245
255
265
IFFrequency (MHz)
RFReturnLoss vs RFFrequency
25° C
0
5
10
15
20
25
30
1900
1950
2000
2050
2100
2150
2200
RFFrequency (MHz)
LOReturnLoss vs LOFrequency
25° C
0
10
20
30
40
1500 1600 1700 1800 1900 2000 2100 2200
LOFrequency (MHz)
Noise Figure vs Temperature
RF = 1950 MHz, IF = 240 MHz, LO= 0 dBm@1710 MHz
4
6
8
10
12
14
-40
-20
0
20406080
Temperature (°C)
Input P1dBvs Temperature
RF = 1950 MHz, IF = 240 MHz, LO= 0 dBm@1710 MHz
4
6
8
10
12
14
-40
-20
0
20406080
Temperature (°C)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com