Electronic Components Datasheet Search
  English  ▼

X  

08056D107MATUA Datasheet(PDF) 1 Page - AVX Corporation

Part # 08056D107MATUA
Description  General Specifications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

08056D107MATUA Datasheet(HTML) 1 Page - AVX Corporation

  08056D107MATUA Datasheet HTML 1Page - AVX Corporation 08056D107MATUA Datasheet HTML 2Page - AVX Corporation 08056D107MATUA Datasheet HTML 3Page - AVX Corporation 08056D107MATUA Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GENERAL DESCRIPTION
• General Purpose Dielectric for Ceramic Capacitors
• EIA Class II Dielectric
• Temperature variation of capacitance is within ±15%
from -55°C to +85°C
• Well suited for decoupling and filtering applications
• Available in High Capacitance values (up to 100µF)
20
15
10 5
0
-5
-10
-15
-20
-60 -40
-20
0
+20 +40 +60 +80
10,000
1,000
100
0
100
120
80
60
40
20
X5R Dielectric
General Specifications
PART NUMBER (see page 2 for complete part number explanation)
1210
Size
(L” x W”)
0101**
0201
0402
0603
0805
1206
1210
1812
**EIA 01005
4
Voltage
4 = 4V
6 = 6.3V
Z = 10V
Y = 16V
3 = 25V
D = 35V
5 = 50V
1 = 100V
D
Dielectric
D = X5R
107
Capacitance
Code (In pF)
2 Sig. Digits
+ Number of
Zeros
M
Capacitance
Tolerance
K = ±10%
M = ±20%
NOTE: Contact factory for availability of Tolerance Options for Specific Part Numbers.
Contact factory for non-specified capacitance values.
TYPICAL ELECTRICAL CHARACTERISTICS
Temperature Coefficient
Temperature °C
A
Failure
Rate
A = N/A
T
Terminations
T = Plated Ni
and Sn
2
Packaging
2 = 7” Reel
4 = 13” Reel
U = 4mm TR
(01005)
A
Special
Code
A = Std.
Insulation Resistance vs Temperature
Temperature °C
042418
26
26


Similar Part No. - 08056D107MATUA

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
08056D107MAT2A AVX-08056D107MAT2A Datasheet
449Kb / 4P
X5R Dielectric
042418
08056D107MAT4A AVX-08056D107MAT4A Datasheet
449Kb / 4P
X5R Dielectric
042418
More results

Similar Description - 08056D107MATUA

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
General Specifications
06035A2R7BAT2A AVX-06035A2R7BAT2A Datasheet
134Kb / 4P
General Specifications
06035C103KAT4A AVX-06035C103KAT4A Datasheet
131Kb / 4P
General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
General Specifications
08055C220JAT2A AVX-08055C220JAT2A Datasheet
131Kb / 4P
General Specifications
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
General Specifications
logo
Nihon Kaiheiki Industry...
M2012S2A2G30 NKK-M2012S2A2G30 Datasheet
338Kb / 10P
General Specifications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com