Electronic Components Datasheet Search
  English  ▼

X  

DPM40 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DPM40
Description  A compact Low-Cost LED Module ideally suited for applications where a Bright Display Under All Conditions is Required
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DPM40 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DPM40 Datasheet HTML 1Page - List of Unclassifed Manufacturers DPM40 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIMENSIONS All dimensions in mm (inches)
Required F.S.R.
Ra
Rb
2V
Note
910k
100k
20V
Note
1M
10k
200V
Note
1M
1k
2kV
Note
1M
100R
200 A
LINK
1k
2mA
100R
20mA
10R
µ
LINK
LINK
SCALING
Two resistors Ra and Rb may be fitted in order to alter
thefull scalereading(F.S.R.) of themeter - seetable.
Themeter will needre-calibration.
11mm (0.43“)Digit Height
Programmable Decimal Points
Auto-zero
Auto-polarity
200mV d.c. Full Scale Reading (F.S.R.)
Display Hold
DPM 40
3
½ Digit LED Module
A compact low-cost LED module ideally suited for applications where a bright display under all conditions is required. The DPM 40 is fitted
with high efficiency LEDs and supplied with a filter and bezel to give a high contrast display. The small size and low cost of the unit makes it
Specification
Min.
Typ.
Max.
Unit
Accuracy (overall error) *
0.05
0.1
% (±1 count)
Linearity
±1
count
Sample rate
3
samples/sec
Operating temperature range
0
50
°C
Temperature s
150
ppm/°C
Supply
4.5
5
5.5
V
Supply current
100
200
mA
Input leakage current (Vin = 0V)
110
pA
* To ensure maximum accuracy, re-calibrate periodically.
tability
voltage
Stock Number
SCALING RESISTORS
72 (2.83)
a
bc
24 (0.94)
62 (2.44)
Ø2.2
(0.09)
68 (2.68)
30.5 (1.20)
45.5 (1.79)
Viewing Area
Panel cut-out 68 x 33 (2.68 x 1.30)
a. 4.0 (0.16)
b. 12.0 (0.47)
c. 8.5 (0.33)
Ra
Rb
NOTE
Ensurethat linkacrossRaisOPEN.


Similar Part No. - DPM40

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DPM4102 DIOO-DPM4102 Datasheet
1Mb / 20P
2.0 A Buck-Boost Power Module with Small Package
Version 1.0, May 2026
DPM4102LG14 DIOO-DPM4102LG14 Datasheet
1Mb / 20P
2.0 A Buck-Boost Power Module with Small Package
Version 1.0, May 2026
logo
XP Power Limited
DPM48 XPPOWER-DPM48 Datasheet
109Kb / 1P
Diode Protection Module
DPM48D XPPOWER-DPM48D Datasheet
109Kb / 1P
Diode Protection Module
logo
Lascar Electronics
DPM490 LASCAR-DPM490 Datasheet
519Kb / 2P
4½ Digit LED Panel Meter
August/2002
More results

Similar Description - DPM40

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2252 STMICROELECTRONICS-AN2252 Datasheet
439Kb / 21P
The flyback converter is a popular choice in applications where the required power
28-Nov-2006
logo
Nanjing International G...
BC847 DGNJDZ-BC847 Datasheet
228Kb / 3P
Ideally suited for automatic insertion
logo
DIYI Electronic Technol...
KMB22S DYELEC-KMB22S Datasheet
1Mb / 2P
Ideally Suited for Automatic Assembly
S14L DYELEC-S14L Datasheet
1Mb / 2P
Ideally Suited for Automatic Assembly
SS12 DYELEC-SS12 Datasheet
1Mb / 2P
Ideally Suited for Automatic Assembly
SS24L DYELEC-SS24L Datasheet
2Mb / 2P
Ideally Suited for Automatic Assembly
KABS12 DYELEC-KABS12 Datasheet
1Mb / 2P
Ideally Suited for Automatic Assembly
logo
TT Electronics.
PWP TTELEC-PWP Datasheet
2Mb / 3P
Ideally suited for medical applications
logo
ams AG
LEUWU1A301 AMSCO-LEUWU1A301 Datasheet
1Mb / 20P
OSRAM OSTAR Headlamp is designed for applications where high brightness is required.
Version 1.6 2021-02-19
LEUWU1A501 AMSCO-LEUWU1A501 Datasheet
1Mb / 20P
OSRAM OSTAR Headlamp is designed for applications where high brightness is required.
Version 1.6 2021-02-19
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com