Electronic Components Datasheet Search
  English  ▼

X  

MSM5117400B Datasheet(PDF) 7 Page - OKI electronic componets

Part # MSM5117400B
Description  4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM5117400B Datasheet(HTML) 7 Page - OKI electronic componets

  MSM5117400B Datasheet HTML 1Page - OKI electronic componets MSM5117400B Datasheet HTML 2Page - OKI electronic componets MSM5117400B Datasheet HTML 3Page - OKI electronic componets MSM5117400B Datasheet HTML 4Page - OKI electronic componets MSM5117400B Datasheet HTML 5Page - OKI electronic componets MSM5117400B Datasheet HTML 6Page - OKI electronic componets MSM5117400B Datasheet HTML 7Page - OKI electronic componets MSM5117400B Datasheet HTML 8Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
221
¡ Semiconductor
MSM5117400B
16M
AC Characteristics (2/2)
Write Command Pulse Width
Write Command to
CAS Lead Time
Write Command to
RAS Lead Time
Data-in Set-up Time
CAS to WE Delay Time
RAS to WE Delay Time
Column Address to
WE Delay Time
RAS to CAS Hold Time (CAS before RAS)
CAS Active Delay Time from RAS Precharge
Data-in Hold Time
Write Command Hold Time
OE Command Hold Time
OE to Data-in Delay Time
Write Command Set-up Time
RAS to CAS Set-up Time (CAS before RAS)
WE to RAS Precharge Time (CAS before RAS)
WE Hold Time from RAS (CAS before RAS)
RAS to WE Set-up Time (Test Mode)
CAS Precharge WE Delay Time
RAS to WE Hold Time (Test Mode)
tWP
tCWL
tRWL
tDS
tCWD
tRWD
tAWD
tCSR
tCHR
tRPC
tDH
tWCH
tOEH
tOED
tWCS
tWRP
tWRH
tWTS
tCPWD
tWTH
MSM5117400
B-60
MSM5117400
B-70
MSM5117400
B-50
(VCC = 5 V ±10%, Ta = 0°C to 70°C) Note 1, 2, 3, 11, 12
Parameter
Symbol
Max.
10
10
10
ns
ns
ns
10
10
10
10
10
10
Note
10
9
9
9
10
9
9
10
ns
10
10
Min.
10
15
15
0
40
85
55
10
10
5
10
10
15
15
0
60
Max.
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
Unit
ns
Min.
7
13
13
0
36
73
48
10
10
5
7
7
13
13
0
53
Max.
Min.
10
20
20
0
50
100
65
10
10
5
15
15
20
20
0
70
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com