Electronic Components Datasheet Search
  English  ▼

X  

IDAS.C.001 Datasheet(PDF) 3 Page - Taoglas antenna solutions

Part # IDAS.C.001
Description  iDAS MIMO LTE Ceiling Mount Omni Antenna
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

IDAS.C.001 Datasheet(HTML) 3 Page - Taoglas antenna solutions

  IDAS.C.001 Datasheet HTML 1Page - Taoglas antenna solutions IDAS.C.001 Datasheet HTML 2Page - Taoglas antenna solutions IDAS.C.001 Datasheet HTML 3Page - Taoglas antenna solutions IDAS.C.001 Datasheet HTML 4Page - Taoglas antenna solutions IDAS.C.001 Datasheet HTML 5Page - Taoglas antenna solutions IDAS.C.001 Datasheet HTML 6Page - Taoglas antenna solutions IDAS.C.001 Datasheet HTML 7Page - Taoglas antenna solutions IDAS.C.001 Datasheet HTML 8Page - Taoglas antenna solutions IDAS.C.001 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
SPE-18-8-119/A/AW
Page 3 of 24
2. Specification
2.1 Antenna Specifications
ELECTRICAL
Band
LTE 700
GSM
DCS
PCS
UMTS
LTE2600
LTE3500 &
LTE 3700
Band 12,13
850/900
1800
1900
1700/1800
1900/2100
Band 7
Band 42 &
Band 43
Frequency (MHz)
Port
699~756
824~960
1710~1
880
1850~199
0
1710~2170
2500~2690
3400~3800
Peak Gain (dBi)
1
3.4
2.2
5.6
5.1
5.1
6.3
4.7
2
3.8
2.9
5.0
5.0
4.9
6.5
4.7
Average Gain
(dB)
1
-0.8
-0.7
-1.0
-0.7
-0.7
-0.6
-1.2
2
-0.7
-0.7
-1.4
-0.6
-0.9
-0.5
-1.1
Return Loss (dB)
1
-15
-11
-18
-16
-17
-25
-13
2
-14
-12
-18
-16
-16
-22
-15
Efficiency (%)
1
83
83
80
84
84
87
76
2
85
84
75
86
82
87
77
Impedance
50 Ω
Polarisation
Linear(H/V)
Radiation Pattern
Omni-Directional
Frequency (MHz)
699~756
824~960
1710~1880
1850~1990
1710~2170
2500~2690
PIM Avg Rating @
2*43
-163dBc
-164dBc
PIM Max Rating
@ 2*43dBm
-155dBc
-156dBc
Max input Power
2*50W
MECHANICAL
Dimensions
Ø 218*38mm
Casing
UV Resistant ABS
Connector
4.3-10 mini-DIN (F)
Cable
2*300mm Low Loss Plenum Rated RG-402 Equivalent
Weight
0.5Kg
Colour
RAL 9003 White
ENVIRONMENTAL
Flammability Rating
UL 94-V0
IP rating
IP54
Operating Temperature range
-40°C to +85°C
Storage Temperature range
-40°C to +90°C
Humidity
Non-condensing 65°C 95% RH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com