Electronic Components Datasheet Search
  English  ▼

X  

MP05009 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP05009
Description  SAW Filter 902.8750MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP05009 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP05009 Datasheet HTML 1Page - Golledge Electronics Ltd MP05009 Datasheet HTML 2Page - Golledge Electronics Ltd MP05009 Datasheet HTML 3Page - Golledge Electronics Ltd MP05009 Datasheet HTML 4Page - Golledge Electronics Ltd MP05009 Datasheet HTML 5Page - Golledge Electronics Ltd MP05009 Datasheet HTML 6Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 902.8750MHz
Model: TA1331A
Part No: MP05009
Rev No: 1
TA1331A v1
1
A. MAXIMUM RATING:
E
lectrostatic Sensitive Device
1. Input Power Level: 10dBm
2. DC Voltage: 6V
3. Operating Temperature: -40°C to +105°C
4. Storage Temperature: -40°C to +105°C
B. ELECTRICAL CHARACTERISTICS:
Item
Unit
Min.
Typ.
Max.
Center frequency Fc
MHz
-
902.875
-
3dB BW
MHz
-
2.0
-
Minimum insertion loss IL(min)
Exclude loss in matching elements *1)
Incl. loss of matching elements (Q = 89) *2)
dB
dB
-
-
2.4
3.4
3.6
4.6
Passband (relative to IL min) *1)
902.20 ~ 903.55MHz
902.10 ~ 903.65MHz
dB
dB
-
-
1.5
2.0
3.0
5.0
Attenuation (relative to IL min) *1)
10.000 ~ 820.00MHz
dB
47
53
-
820.00 ~ 884.00MHz
dB
42
48
-
884.00 ~ 892.00MHz
dB
37
43
-
892.00 ~ 900.50MHz
dB
15
21
-
906.00 ~ 910.50MHz
dB
15
21
-
910.50 ~ 929.00MHz
dB
22
28
-
929.00 ~ 945.00MHz
dB
38
44
-
945.00 ~ 1000.0MHz
dB
41
47
-
1000.0 ~ 2000.0MHz
dB
37
43
-
2000.0 ~ 2500.0MHz
dB
55
66
-
Impedance at Fc Input *1) ZIN = RIN // CIN ZS
579Ω // 1.0pF
Impedance at Fc, Output *1) ZOUT = ROUT / /COUT ZL
579Ω // 1.0pF
*1). The matching circuit is ideal by simulation.
*2). The matching circuit is real by actual passive components.
0805 Coillcraft CS series chip conductor is used for inductor.
0402 muRata GRM series is used for capacitor.


Similar Part No. - MP05009

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP05005 GOLLEDGE-MP05005 Datasheet
176Kb / 5P
SAW Filter 781.50MHz
More results

Similar Description - MP05009

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
B39252B9494P810 TDK-B39252B9494P810 Datasheet
115Kb / 8P
SAW Components SAW filter
B39262B9497P810 TDK-B39262B9497P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39841B4180U410 TDK-B39841B4180U410 Datasheet
201Kb / 9P
SAW Components SAW filter
B39831B8304P810 TDK-B39831B8304P810 Datasheet
202Kb / 7P
SAW Components SAW Filter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com