Electronic Components Datasheet Search
  English  ▼

X  

FAC Datasheet(PDF) 1 Page - Schurter Inc.

Part # FAC
Description  Shock-Safe Fuseholder, 5 x 20 / 6.3 x 32 mm, Slotted Cap/Fingergrip, vertical
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

FAC Datasheet(HTML) 1 Page - Schurter Inc.

  FAC Datasheet HTML 1Page - Schurter Inc. FAC Datasheet HTML 2Page - Schurter Inc. FAC Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Fuseholders
FAC
https://www.schurter.com /PG02
Fuses
Shock-Safe Fuseholder, 5 x 20 / 6.3 x 32 mm, Slotted Cap/Fingergrip, vertical
Socket with Slotted Cap
Caps must be ordered separately (see
accessories)
Socket with Fingergrip Cap
See below:
Approvals and Compliances
250 VAC · 3.2W/10A (VDE) · 600VAC/VDC · 16A (UL/CSA)
Description
- Kinked or straight PCB-terminals
- Vertical style
Weblinks
pdf datasheet, html-datasheet, General Product Information, Packaging
details, Distributor-Stock-Check, Accessories, Detailed request for
product, Microsite
Technical Data
Shock-Safe Category
PC2
Fuse-Link
5 x 20 or 6.3 x 32 mm
Mounting
PCB
Terminal
Solder THT
Rated Voltage
250 VAC (VDE), 600 VAC/VDC (UL)
Rated current
10 A (VDE), 16 A (UL/CSA)
Rated Power Acceptance IEC 3.2 W / 10 A @ Ta 23 °C
2.5 W / 10 A for 5x20 mm fuse-link, see
derating curves
Degree of Protection
IP 40
Protection Class
Suitable for appliances with protection
class I or II acc. to IEC 61140
Admissible Ambient Air Temp. -40 °C to 85 °C
Climatic Category
40/085/21 acc. to IEC 60068-1
Material: Socket
Thermoplastic, black, UL 94V-0
Material: Terminals
Tin-Plated Copper Alloy
Unit Weight
6.5 g / 2.3 g
Storage Conditions
0 °C to 60 °C, max. 70% r.h.
Product Marking
, Type, Rated Voltage, Rated current,
Approvals
Soldering Methods
Wave
Soldering Profile
Solderability
235 °C / 2 sec acc. to IEC 60068-2-20,
Test Ta, method 1
Resistance to Soldering Heat
260 °C / 10 sec acc. to IEC 60068-2-20,
Test Tb, method 1A
Contact Resistance
≤ 10mΩ at 20 mV acc. to IEC 60127-6
Dielectric Strength
> 3 kV between life parts
(50 Hz: 1 min)
Impulse Withstand Voltage
> 4 kV between life parts
Insulation Resistance
> 10 M
Ω between life parts
(500 VDC: 1 min)
Overvoltage Category
III acc. to IEC 60664-1
Pollution Degree
3 acc. to IEC 60664-1
Approvals and Compliances
Detailed information on product approvals, code requirements, usage instructions and detailed test conditions can be looked up in Details about
Approvals
Approvals
The approval mark is used by the testing authorities to certify compliance with the safety requirements placed on electronic products.
Approval Reference Type: FAC
Approval Logo
Certificates
Certification Body
Description
VDE Approvals
VDE
VDE Certificate Number: 40045994
UL Approvals
UL
UL File Number: E39328


Similar Part No. - FAC

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FAC SCHURTER-FAC Datasheet
534Kb / 3P
Caps to Holder FEU, FEU (Med), FAU, FAC
FAC SCHURTER-FAC Datasheet
452Kb / 2P
Shock-Safe Fuseholder, 5 x 20 / 6.3 x 32 mm, Slot, vertical
logo
M-System Co.,Ltd.
FAC MSYSTEM-FAC Datasheet
97Kb / 3P
Space-saving Plug-in Signal Conditioners F-UNIT
logo
Schurter Inc.
FAC SCHURTER-FAC Datasheet
284Kb / 3P
Shock-Safe Fuseholder, 5 x 20 / 6.3 x 32 mm, Slotted Cap/Fingergrip, vertical
04.01.2022
logo
FranMar International I...
FAC01 FRANMAR-FAC01 Datasheet
1Mb / 3P
1W 4 Pin SIP & 8 Pin DIL Package Unregulated DC - DC Converter
More results

Similar Description - FAC

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0031.1681 SCHURTER-0031.1681 Datasheet
227Kb / 2P
Shock-Safe Fuseholder, 5 x 20 / 6.3 x 32 mm, Slotted Cap, Medical
0031.1801 SCHURTER-0031.1801 Datasheet
221Kb / 2P
Shock-Safe Fuseholder, 5 x 20 / 6.3 x 32 mm, Fingergrip
FAU SCHURTER-FAU_18 Datasheet
276Kb / 3P
Shock-Safe Fuseholder, 5 x 20 / 6.3 x 32 mm, Slotted Cap, horizontal
FUL SCHURTER-FUL_V01 Datasheet
340Kb / 4P
FUL, Shock-Safe Fuseholder, 5 x 20 / 6.3 x 32 mm, Slotted Cap
FUS SCHURTER-FUS Datasheet
432Kb / 3P
Shock-Safe Fuseholder, 5 x 20 / 6.3 x 32 mm, Slotted Cap / Fingergrip, Snap-in stepless
FEU-GRIP SCHURTER-FEU-GRIP Datasheet
269Kb / 3P
Shock-Safe Fuseholder, 5 x 20 / 6.3 x 32 mm, Fingergrip
FEU-MED SCHURTER-FEU-MED Datasheet
272Kb / 3P
Shock-Safe Fuseholder, 5 x 20 / 6.3 x 32 mm, Slotted Cap, Medical
FAC SCHURTER-FAC_V01 Datasheet
284Kb / 3P
Shock-Safe Fuseholder, 5 x 20 / 6.3 x 32 mm, Slotted Cap/Fingergrip, vertical
04.01.2022
FUP SCHURTER-FUP_V01 Datasheet
270Kb / 3P
Shock-Safe Fuseholder, 5 x 20 / 6.3 x 32 mm, Slotted Cap, horizontal
04.01.2022
FUS SCHURTER-FUS_V01 Datasheet
433Kb / 3P
Shock-Safe Fuseholder, 5 x 20 / 6.3 x 32 mm, Slotted Cap / Fingergrip, Snap-in stepless
04.01.2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com