Electronic Components Datasheet Search
  English  ▼

X  

FDI Datasheet(PDF) 1 Page - Schurter Inc.

Part # FDI
Description  Inline Fuseholder, 5x20 / 6.3x32 mm
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

FDI Datasheet(HTML) 1 Page - Schurter Inc.

  FDI_18 Datasheet HTML 1Page - Schurter Inc. FDI_18 Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Fuse holder
FDI
https://www.schurter.com /PG02
Fuses
Inline Fuseholder, 5x20 / 6.3x32 mm
5x20 mm with wire leads, 8601.2001.08
5x20 mm, 8601.2000
6.3x32 mm, 8601.2005
See below:
Approvals and Compliances
32 VAC · 2.5W/6.3A · 32VDC
Description
- Inline Fuseholder
Applications
- Automotive applications/aftermarket
- Audio aftermarket
- Lighting aftermarket
Weblinks
pdf datasheet, html-datasheet, General Product Information, Packaging
details, Distributor-Stock-Check, Detailed request for product, Microsite
Technical Data
Shock-Safe Category
PC2
Fuse-Link
5 x 20 or 6.3 x 32 mm
Mounting
In-line
Terminal
Wires
Rated Voltage
32 VAC , 32 VDC
Rated current
6.3 A
Rated Power Acceptance IEC 2.5 W / 6.3 A @ Ta 23 °C
Degree of Protection
IP 40
Admissible Ambient Air Temp. -40 °C to +85 °C
Material: Socket
Thermoplastic, UL 94V-0
Material: Terminals
Tin-Plated Brass
Storage Conditions
0 °C to 60 °C, max. 70% r.h.
Contact Resistance
< m
Ω at 20 mV
Approvals and Compliances
Detailed information on product approvals, code requirements, usage instructions and detailed test conditions can be looked up in Details about
Approvals
Application standards
Application standards where the product can be used
Organization
Design
Standard
Description
Designed for applications acc.
IEC/UL 60950
IEC 60950-1 includes the basic requirements for the safety of information
technology equipment.
Compliances
The product complies with following Guide Lines
Identification
Details
Initiator
Description
CE declaration of conformity
SCHURTER AG
The CE marking declares that the product complies with the applicable
requirements laid down in the harmonisation of Community legislation on
its affixing in accordance with EU Regulation 765/2008.
RoHS
SCHURTER AG
EU Directive RoHS 2011/65/EU
China RoHS
SCHURTER AG
The law SJ / T 11363-2006 (China RoHS) has been in force since 1 March
2007. It is similar to the EU directive RoHS.
REACH
SCHURTER AG
On 1 June 2007, Regulation (EC) No 1907/2006 on the Registration,
Evaluation, Authorization and Restriction of Chemicals 1 (abbreviated as
"REACH") entered into force.


Similar Part No. - FDI_18

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
FDI110 DEC-FDI110 Datasheet
259Kb / 1P
1 AMP FAST RECOVERY BRIDGE RECTIFIERS
More results

Similar Description - FDI_18

ManufacturerPart #DatasheetDescription
logo
Littelfuse
801 LITTELFUSE-801 Datasheet
178Kb / 1P
Panel Mount for 5x20 mm und 6.3x32 mm Fuses
logo
Schurter Inc.
FDI SCHURTER-FDI Datasheet
302Kb / 2P
Inline Fuseholder, 5x20 / 6.3x32 mm
4303.2114.01 SCHURTER-4303.2114.01 Datasheet
355Kb / 6P
Fusedrawer for Fuse Links 5x20 mm resp. 6.3x32 mm
4305.0006 SCHURTER-4305.0006 Datasheet
162Kb / 1P
Fusedrawer for Fuse Links 5x20 mm resp. 6.3x32 mm
FUSEDRAWER1 SCHURTER-FUSEDRAWER1 Datasheet
192Kb / 2P
Fusedrawer for Fuse Links 5x20 mm resp. 6.3x32 mm
FUSEDRAWER3 SCHURTER-FUSEDRAWER3 Datasheet
384Kb / 7P
Fusedrawer for Fuse Links 5x20 mm resp. 6.3x32 mm
FUSEDRAWER1 SCHURTER-FUSEDRAWER1_V01 Datasheet
206Kb / 2P
Fusedrawer for Fuse Links 5x20 mm resp. 6.3x32 mm
FUSEDRAWER3 SCHURTER-FUSEDRAWER3_V01 Datasheet
398Kb / 7P
Fusedrawer for Fuse Links 5x20 mm resp. 6.3x32 mm
FQE SCHURTER-FQE_V01 Datasheet
220Kb / 2P
Shock-safe Fuseholder, Solder Terminals, 5x20 mm
FUSEDRAWER1 SCHURTER-FUSEDRAWER1_V02 Datasheet
206Kb / 2P
Fusedrawer for Fuse Links 5x20 mm resp. 6.3x32 mm
04.01.2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com