Electronic Components Datasheet Search
  English  ▼

X  

4066 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 4066
Description  QUAD BILATERAL SWITCH
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

4066 Datasheet(HTML) 3 Page - Unisonic Technologies

  4066 Datasheet HTML 1Page - Unisonic Technologies 4066 Datasheet HTML 2Page - Unisonic Technologies 4066 Datasheet HTML 3Page - Unisonic Technologies 4066 Datasheet HTML 4Page - Unisonic Technologies 4066 Datasheet HTML 5Page - Unisonic Technologies 4066 Datasheet HTML 6Page - Unisonic Technologies 4066 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
4066
CMOS IC
UNISONIC TECHNOLOGIES CO., LTD
3 of 7
www.unisonic.com.tw
QW-R502-009.I
ABSOLU T E M AX I M U M RAT I N GS (VSS=0V, unless otherwise specified))
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VDD
-0.5 ~ +18
V
Input Voltage
VIN
-0.5 ~ VCC+0.5
V
DIP-14
700
Power Dissipation
SOP-14/TSSOP-14
PD
500
mW
Junction Temperature
TJ
+125
C
Storage Temperature
TSTG
-40 ~ +150
C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOM M EN DED OPERAT I N G CON DI T I ON S (VSS=0V, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VDD
3 ~ 15
V
Input Voltage
VIN
0 ~ VDD
V
Operating Temperature Range
TOPR
-40 ~ +85
C
DC ELECT RI CAL CH ARACT ERI ST I CS (VSS=0V, unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNIT
VDD=5V
0.01
1.0
VDD=10V
0.01
2.0
Quiescent Device Current
IDD
VDD=15V
0.01
4.0
μA
SIGNAL INPUTS AND OUTPUTS
Input or Output Leakage Switch
“OFF”
IIS
VC=0
±0.1
±50
nA
VDD=5V
270
1050
VDD=10V
120
400
“ON” Resistance
RON
RL=10k
Ω~ (VDD-VSS/2)
VC=VDD, VSS ~ VDD
VDD=15V
80
240
Ω
VDD=5V
20
VDD=10V
10
∆”ON” Resistance Between Any 2 of
4 Switches
∆RON
RL=10k
Ω~ (VDD-VSS/2)
VC=VDD, VIS=VSS ~VDD
VDD=15V
5
Ω
CONTROL INPUTS
VDD=5V
2.25
1.5
VDD=10V
4.5
3.0
Low Level Input Voltage
VILC
VIS=VSS and VDD
VOS=VDD and VSS
IIS=±10
μA
VDD=15V
6.75
4.0
V
VDD=5V
3.5
2.75
VDD=10V (Note)
7.0
5.5
HIGH Level Input Voltage
VIHC
VDD=15V
11.0
8.25
V
Input Current
IIN
VDD-VSS=15V, VDD≧VIS≧VSS,
VDD≧VC≧VSS
±10
-5
±0.3
μA
Note: Conditions for VIHC: (a) VIS=VDD, IOS=standard B series IOH. (b) VIS=0V, IOL=standard B series IOL



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com