Electronic Components Datasheet Search
  English  ▼

X  

TS321 Datasheet(PDF) 5 Page - Unisonic Technologies

Part # TS321
Description  LOW-POWER SINGLE OPERATIONAL AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TS321 Datasheet(HTML) 5 Page - Unisonic Technologies

  TS321 Datasheet HTML 1Page - Unisonic Technologies TS321 Datasheet HTML 2Page - Unisonic Technologies TS321 Datasheet HTML 3Page - Unisonic Technologies TS321 Datasheet HTML 4Page - Unisonic Technologies TS321 Datasheet HTML 5Page - Unisonic Technologies TS321 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TS321
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO., LTD
5 of 6
www.unisonic.com.tw
QW-R104-014.a
ELECT RI CAL CH ARACT ERI ST I CS
(VCC+=5V, VCC-=GND, VO=1.4V (unless otherwise noted))
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Offset Voltage
VIO
RS=0, 5V<VCC+<30V
0<VIC<(VCC+-1.5V)
0.5
4
mV
Input Offset Current
IIO
2
30
nA
Input Bias Current (Note 1)
IIB
20
150
nA
Large-Signal Differential
Voltage Amplification
AVD
VCC=15V, RL=2k
Ω,
VO=1.4V~11.4V
50
100
V/mV
Common-Mode Input
Voltage (Note 2)
VICR
VCC=30V
0
VCC+-1.5
V
RL=2k
Ω
26
27
VCC=30V
RL=10k
Ω
27
28
High-Level Output Voltage
VOH
VCC=5V
RL=2k
Ω
3.5
V
Low-Level Output Voltage
VOL
RL=10k
Ω
5
15
mV
Gain Bandwidth Product
GBP
VCC=30V, VI=10mV, RL=2k
Ω,
f=100kHz, CL=100pF
0.8
MHz
Slew Rate
SR
VCC=15V, VI=0.5V~3V, RL=2k
Ω,
CL=100pF, unity gain
0.4
V/µs
Phase Margin
φm
60
°
Common-Mode Rejection
Ratio
CMRR
RS
≤10kΩ
65
85
dB
Output Source Current
ISOURCE
VCC=15V, VO=2V, VID=1V
20
40
mA
VO=2V
10
20
mA
Output Sink Current
ISINK
VCC=15V, VID=1V
VO=0.2V
12
50
µA
Short-Circuit To GND
IO
VCC=15V
40
60
mA
Supply-Voltage Rejection
Ratio
SVR
VCC=5V~30V
65
110
dB
VCC=5V
500
800
µA
Total Supply Current
ICC
No load
VCC=30V
600
900
µA
Total Harmonic Distortion
THD
VCC=30V, VO=2VPP, AV=20dB,
RL=2k
Ω, f=1kHz, CL=100pF
0.015
%
Equivalent Input Noise
Voltage
eN
VCC=30V, f=1kHz, RS=100
Ω
50
nV/ Hz
Notes: 1. The direction of the input current is out of the device. This current essentially is constant, independent of
the state of the output, so no loading change exists on the input lines.
2. The input common-mode voltage of either input signal should not be allowed to go negative by more than
0.3V. The upper end of the common-mode voltage range is VCC+-1.5V, but either or both inputs can go to
32V without damage.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com