Electronic Components Datasheet Search
  English  ▼

X  

IRPT2056 Datasheet(PDF) 2 Page - International Rectifier

Part # IRPT2056
Description  Power Module for 3 hp Motor Drives
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRPT2056 Datasheet(HTML) 2 Page - International Rectifier

  IRPT2056 Datasheet HTML 1Page - International Rectifier IRPT2056 Datasheet HTML 2Page - International Rectifier IRPT2056 Datasheet HTML 3Page - International Rectifier IRPT2056 Datasheet HTML 4Page - International Rectifier IRPT2056 Datasheet HTML 5Page - International Rectifier IRPT2056 Datasheet HTML 6Page - International Rectifier IRPT2056 Datasheet HTML 7Page - International Rectifier IRPT2056 Datasheet HTML 8Page - International Rectifier IRPT2056 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
page2
IRPT2056A
System Description
Power Module
The IRPT2056A Power Module, shown in figure 1, is a chip
and wire epoxy encapsulated module. It houses input rectifiers,
output inverter, current sense shunts and NTC thermistor. The 3-
phase input bridge rectifiers are rated at 800V. The brake circuit
uses 600V IGBT and freewheeling diode. The inverter section
employs 600V, short circuit rated, ultrafast IGBT's and ultrafast
freewheeling diodes. Current sensing is achieved through 25
m
Ω low inductance shunts provided in the positive and negative
DC bus rail. The NTC thermistors provide temperature sensing
capability. The lead spacing on the power module meets UL840
pollution level 3 requirements.
The power circuit and layout within the module are carefully
designed to minimize inductance in the power path, to reduce
noise during inverter operation and to improve the inverter
efficiency. The Driver-Plus Board required to run the inverter
can be soldered to the power module pins, thus minimizing
assembly and alignment. The power module is designed to be
mounted to a heat sink with two screw mount positions, in order
to insure good thermal contact between the module substrate and
the heat sink.
and Design Kit
The IRPT2056C
(Figure 3) provides the
complete power conversion function for a 3 hp (2.2 kW) variable
voltage, variable frequency AC motor controller. The
combines the Power Module (IRPT2056A)
with a Driver-Plus Board (IRPT2056D). The
Design Kit, IRPT2056E includes the following:
• Complete
integrated power stage
• Specification and operating instructions
• Bill of materials
• Electrical schematic
• Mechanical layout of the Driver-Plus Board
• Software transferrable file for easy design integration
• Application information and layout considerations
Figure 3. IRPT2056C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com