Electronic Components Datasheet Search
  English  ▼

X  

MSM5117400F Datasheet(PDF) 7 Page - OKI electronic componets

Part # MSM5117400F
Description  4,194,304-Word 횞 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM5117400F Datasheet(HTML) 7 Page - OKI electronic componets

Back Button MSM5117400F Datasheet HTML 3Page - OKI electronic componets MSM5117400F Datasheet HTML 4Page - OKI electronic componets MSM5117400F Datasheet HTML 5Page - OKI electronic componets MSM5117400F Datasheet HTML 6Page - OKI electronic componets MSM5117400F Datasheet HTML 7Page - OKI electronic componets MSM5117400F Datasheet HTML 8Page - OKI electronic componets MSM5117400F Datasheet HTML 9Page - OKI electronic componets MSM5117400F Datasheet HTML 10Page - OKI electronic componets MSM5117400F Datasheet HTML 11Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
FEDD5117400F-01
1Semiconductor
MSM5117400F
7/15
AC CHARACTERISTICS (2/2)
(VCC = 5V ± 10%, Ta = 0 to 70°C) Note1,2,3,11,12
MSM5117400
F-50
MSM5117400
F-60
MSM5117400
F-70
Parameter
Symbol
Min.
Max.
Min.
Max.
Min.
Max.
Unit
Note
Row Address Hold Time
tRAH
7
10
10
ns
Column Address Set-up Time
tASC
0
0
0
ns
Column Address Hold Time
tCAH
7
10
15
ns
Column Address to
RAS Lead Time
tRAL
25
30
35
ns
Read Command Set-up Time
tRCS
0
0
0
ns
Read Command Hold Time
tRCH
0
0
0
ns
8
Read Command Hold Time
referenced to
RAS
tRRH
0
0
0
ns
8
Write Command Set-up Time
tWCS
0
0
0
ns
9
Write Command Hold Time
tWCH
7
10
15
ns
Write Command Pulse Width
tWP
7
10
10
ns
OE Command Hold Time
tOEH
13
15
20
ns
Write Command to
RAS Lead Time
tRWL
13
15
20
ns
Write Command to
CAS Lead Time
tCWL
13
15
20
ns
Data-in Set-up Time
tDS
0
0
0
ns
10
Data-in Hold Time
tDH
7
10
15
ns
10
OE to Data-in Delay Time
tOED
13
15
20
ns
CAS to WE Delay Time
tCWD
36
40
50
ns
9
Column Address to
WE Delay Time
tAWD
48
55
65
ns
9
RAS to WE Delay Time
tRWD
73
85
100
ns
9
CAS Precharge WE Delay Time
tCPWD
53
60
70
ns
9
CAS Active Delay Time from RAS
Precharge
tRPC
5
5
5
ns
RAS to CAS Set-up Time
(
CAS before RAS)
tCSR
10
5
5
ns
RAS to CAS Hold Time
(
CAS before RAS)
tCHR
10
10
10
ns
WE to RAS Precharge Time
(
CAS before RAS)
tWRP
10
10
10
ns
WE Hold Time from RAS
(
CAS before RAS)
tWRH
10
10
10
ns
RAS to WE Set-up Time (Test Mode) t
WTS
10
10
10
ns
RAS to WE Hold Time (Test Mode)
tWTH
10
10
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com