Electronic Components Datasheet Search
  English  ▼

X  

MP04574 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP04574
Description  SAW Filter 915.0MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP04574 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP04574 Datasheet HTML 1Page - Golledge Electronics Ltd MP04574 Datasheet HTML 2Page - Golledge Electronics Ltd MP04574 Datasheet HTML 3Page - Golledge Electronics Ltd MP04574 Datasheet HTML 4Page - Golledge Electronics Ltd MP04574 Datasheet HTML 5Page - Golledge Electronics Ltd MP04574 Datasheet HTML 6Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 915.0MHz
Model: TA1392A
Part No: MP04574
Rev No. 1
TA1392A v1
1
A. MAXIMUM RATING:
Electrostatic Sensitive Device
1. Input Power Level: 10dBm
2. DC Voltage: 6V
3. Operating Temperature: -40°C to +85°C
4. Storage Temperature: -40°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Item
Unit
Min.
Typ.
Max.
Center frequency Fc
MHz
-
915
-
3dB BW
MHz
-
2.0
-
Minimum insertion loss IL (min)
Exclude loss in matching elements *1)
Incl. loss of matching elements (Q=89) *2)
dB
dB
-
-
2.7
3.9
4.0
5.0
Passband (relative to IL min) *1)
914.50 ~ 915.50MHz
914.30 ~ 915.70MHz
dB
dB
-
-
0.4
1.0
2.5
5.0
Attenuation (relative to IL min) *1)
10.000 ~ 830.00MHz
dB
47
53
-
830.00 ~ 890.00MHz
dB
41
46
-
890.00 ~ 903.00MHz
dB
36
42
-
903.00 ~ 911.50MHz
dB
19
28
-
920.00 ~ 923.00MHz
dB
19
28
-
923.00 ~ 943.00MHz
dB
19
24
-
943.00 ~ 1000.00MHz
dB
37
43
-
1000.0 ~ 2500.00MHz
dB
43
48
-
Impedance at Fc Input *1) ZIN = RIN // CIN ZS
354
Ω // 1.88pF
Impedance at Fc Output *1) ZOUT = ROUT // COUT ZL
334
Ω // 1.93pF
*1): The matching circuit is ideal by simulation.
*2): The matching circuit is real by actual passive components.
0805 Coillcraft CS series chip conductor is used for inductor.
0402 muRata GRM series is used for capacitor.


Similar Part No. - MP04574

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP04572 GOLLEDGE-MP04572 Datasheet
77Kb / 7P
SAW Filter 276.50MHz
More results

Similar Description - MP04574

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
F9151 ITF-F9151 Datasheet
274Kb / 7P
SAW Bandpass Filter 915.0MHz
2010-03-15
logo
Abracon Corporation
AFS915.0W03-TS3 ABRACON-AFS915.0W03-TS3 Datasheet
946Kb / 2P
SMD 915.0MHz SAW FILTER
11.07.11
logo
Golledge Electronics Lt...
MA09103 GOLLEDGE-MA09103 Datasheet
179Kb / 6P
915.0MHz SAW Filter
MP02566 GOLLEDGE-MP02566 Datasheet
103Kb / 7P
SAW Filter 915.0MHz
MP04309 GOLLEDGE-MP04309 Datasheet
242Kb / 6P
SAW Filter 915.0MHz
MP03642 GOLLEDGE-MP03642 Datasheet
106Kb / 6P
SAW Filter 915.0MHz
MP06992 GOLLEDGE-MP06992 Datasheet
230Kb / 6P
SAW Filter 915.0MHz
MA03704 GOLLEDGE-MA03704 Datasheet
223Kb / 4P
SAW Filter 915.0MHz for ISM900 (High Attenuation)
MA06291 GOLLEDGE-MA06291 Datasheet
78Kb / 4P
SAW Resonator 915.0MHz
MA06101 GOLLEDGE-MA06101 Datasheet
165Kb / 4P
915.0MHz SAW Resonator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com