Electronic Components Datasheet Search
  English  ▼

X  

SMA Datasheet(PDF) 2 Page - Hirose Electric

Part # SMA
Description  SMA Reverse Coaxial Connector Up to 26.5GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

SMA Datasheet(HTML) 2 Page - Hirose Electric

  SMA Datasheet HTML 1Page - Hirose Electric SMA Datasheet HTML 2Page - Hirose Electric SMA Datasheet HTML 3Page - Hirose Electric SMA Datasheet HTML 4Page - Hirose Electric SMA Datasheet HTML 5Page - Hirose Electric SMA Datasheet HTML 6Page - Hirose Electric SMA Datasheet HTML 7Page - Hirose Electric SMA Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
SMA(R) Series●SMA Reverse Coaxial Connector Up to 26.5GHz
Product Number Structure
Refer to the chart below when determining the product specifications from the product number.
Please select from the product numbers listed in this catalog when placing orders.
SMA(R) -
「 」-「 」-「 」-「 」
❶❷
❸
❹
❺
❶Series name
Plug / Receptacle
: SMA(R)
Adapters, harnesses which connect to HRM
: HRM
Other adapters and harnesses
: SMA(R), SMAR
❷Connector type
Plug / Receptacle
200 : Flexible cable
300 : Receptacle
Adapters, harnesses which connect to HRM
: SMA(R), SMAR
Other adapters and harnesses
: U.FL / BPJ
❸Serial number / Cable type
Plug / Receptacle
: One to three digits
Harness
: 066 / 068
❹Cable length identification code
Harness
: A
❺Cable length
Harness
: One to three digits
Functional diagram
Receptacles
Jacks
Plugs
In-line Adapters
U.FL Conversion Adapters
SMA Conversion Adapters
Edge mount type
SMA(R)-R-ELBG-1
SMA jack -
RP-SMA plug
HRMJ-SMA(R)P
SMA plug -
RP-SMA jack
HRMP-SMA(R)J
THT mount type
SMA(R)-300-126B
Straight jack
SMA(R)-200-088JBN
Panel jack
(Panel 4 hole)
SMA(R)-200-088PJ4BN
Panel jack
(Bulkhead type)
SMA(R)-200-088BPJBN
Panel jack
(Bulkhead type)
SMA(R)-200-088WBPJBN
Ø1.37 Straight plug
SMA(R)-200-088PBN
2.5D Straight plug
SMA(R)-P-2.5DQS
Straight plug - plug
SMA(R)-A-PP
Straight jack - jack
SMA(R)-A-JJ
SMA jack -
RP-SMA jack
HRMJ-SMA(R)J
SMA plug -
RP-SMA plug
HRMP-SMA(R)P
SMA jack - U.FL jack
Panel adapter
(Bulkhead type)
SMA(R)J-U.FLJ-BPA-4
SMA jack - U.FL jack
Panel adapter
(Panel 2 hole)
SMA(R)J-U.FLJ-PA2
SMA jack - U.FL jack
Panel adapter
(Panel 4 hole)
SMA(R)J-U.FLJ-PA4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com