Electronic Components Datasheet Search
  English  ▼

X  

MP04871 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP04871
Description  SAW Filter 462.50MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP04871 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP04871 Datasheet HTML 1Page - Golledge Electronics Ltd MP04871 Datasheet HTML 2Page - Golledge Electronics Ltd MP04871 Datasheet HTML 3Page - Golledge Electronics Ltd MP04871 Datasheet HTML 4Page - Golledge Electronics Ltd MP04871 Datasheet HTML 5Page - Golledge Electronics Ltd MP04871 Datasheet HTML 6Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 462.50MHz
Model: TA1422A
Part No: MP04871
Rev No: 3
TA1422A v3
1
A. MAXIMUM RATING:
E
lectrostatic Sensitive Device (ESD)
1. Input Power Level: 27dBm
2. DC Voltage: 0V
3. Operating Temperature: -30°C to +80°C
4. Storage Temperature: -40°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Item
Min.
Typ.
Max.
Note
Center frequency, Fc (MHz)
-
462.5
-
Minimum I.L. (dB) (460 ~ 464.8MHz)
-
2.8
3.5
VSWR (460 ~ 464.8MHz)
-
1.9
2.4
Attenuation: (dB)
-
-
-
0.3 ~ 450MHz
40
45
-
450 ~ 454.8MHz
35
46
-
485 ~ 505MHz
40
50
-
505 ~ 1200MHz
30
41
-
1200 ~ 2000MHz
20
32
-
Source Impedance (ohm)
-
50
-
Load Impedance (ohm)
-
50
-
`


Similar Part No. - MP04871

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP04812 GOLLEDGE-MP04812 Datasheet
158Kb / 6P
SAW Filter 2492.0MHz
MP04819 GOLLEDGE-MP04819 Datasheet
427Kb / 7P
SAW Filter 1748.0MHz
MP04838 GOLLEDGE-MP04838 Datasheet
93Kb / 6P
SAW Filter 534.50MHz
MP04888 GOLLEDGE-MP04888 Datasheet
143Kb / 5P
SAW Filter 1542.50MHz
MP04895 GOLLEDGE-MP04895 Datasheet
203Kb / 7P
SAW Filter 455.0MHz
More results

Similar Description - MP04871

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
B39252B9494P810 TDK-B39252B9494P810 Datasheet
115Kb / 8P
SAW Components SAW filter
B39262B9497P810 TDK-B39262B9497P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39841B4180U410 TDK-B39841B4180U410 Datasheet
201Kb / 9P
SAW Components SAW filter
logo
Golledge Electronics Lt...
MP05558 GOLLEDGE-MP05558 Datasheet
120Kb / 5P
SAW Filter: 462.50MHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com