Electronic Components Datasheet Search
  English  ▼

X  

MP05064 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP05064
Description  SAW Filter 460.0MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP05064 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP05064 Datasheet HTML 1Page - Golledge Electronics Ltd MP05064 Datasheet HTML 2Page - Golledge Electronics Ltd MP05064 Datasheet HTML 3Page - Golledge Electronics Ltd MP05064 Datasheet HTML 4Page - Golledge Electronics Ltd MP05064 Datasheet HTML 5Page - Golledge Electronics Ltd MP05064 Datasheet HTML 6Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 460.0MHz
Model: TA1406A
Part No: MP05064
Rev No: 1
TA1406A v1
1
A. MAXIMUM RATING:
Electrostatic Sensitive Device (ESD)
1. Input Power Level: 10dBm
2. DC Voltage: 5V
3. Operating Temperature: -40°C to +85°C
4. Storage Temperature: -40°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Item
Unit
Min
Typ.
Max
Center frequency Fc
MHz
-
460
-
Insertion loss (450 ~ 470MHz) IL
dB
-
2.4
3.51)
Amplitude Ripple (450 ~ 470MHz)
dB
-
0.9
2.42)
Return loss (450 ~ 470MHz)
dB
6
7
-
Attenuation (Reference level from 0dB
0.3 ~ 300MHz
dB
30
42
-
300 ~ 380MHz
dB
24
34
-
380 ~ 430MHz
dB
15
23
-
504.825 ~ 524.825MHz
dB
12
32
-
559.65 ~ 579.65MHz
dB
28
41
-
669.3 ~ 689.3MHz
dB
24
37
-
689.3 ~ 1000MHz
dB
26
34
-
Temperature Coefficient of Frequency
ppm/°C
-
-36
-
1). 2.4dB at 25°C; 3.2dB for -30°C to +60°C
2). 1.1dB at 25°C; 2.2dB for -30°C to +60°C


Similar Part No. - MP05064

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP05063 GOLLEDGE-MP05063 Datasheet
149Kb / 6P
SAW Filter 404.0MHz
MP05066 GOLLEDGE-MP05066 Datasheet
228Kb / 6P
SAW Filter 2338.7550MHz
More results

Similar Description - MP05064

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
logo
Golledge Electronics Lt...
MA07241 GOLLEDGE-MA07241 Datasheet
116Kb / 4P
SAW Filter 460.0MHz
MP04055 GOLLEDGE-MP04055 Datasheet
128Kb / 4P
SAW Filter 460.0MHz
MP04056 GOLLEDGE-MP04056 Datasheet
72Kb / 5P
SAW Filter 460.0MHz
MP05502 GOLLEDGE-MP05502 Datasheet
113Kb / 6P
SAW Filter 460.0MHz
MP07672 GOLLEDGE-MP07672 Datasheet
137Kb / 9P
SAW Filter 460.0MHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com