Electronic Components Datasheet Search
  English  ▼

X  

MP06992 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP06992
Description  SAW Filter 915.0MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP06992 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP06992 Datasheet HTML 1Page - Golledge Electronics Ltd MP06992 Datasheet HTML 2Page - Golledge Electronics Ltd MP06992 Datasheet HTML 3Page - Golledge Electronics Ltd MP06992 Datasheet HTML 4Page - Golledge Electronics Ltd MP06992 Datasheet HTML 5Page - Golledge Electronics Ltd MP06992 Datasheet HTML 6Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 915.0MHz
Model: TA1423A
Part No: MP06992
Rev No: 4
TA1423A v4
1
A. MAXIMUM RATING:
E
lectrostatic Sensitive Device (ESD)
1. Input Power Level: 10dBm
2. DC Voltage: 3V
3. Operating Temperature: -40°C to +125°C
4. Storage Temperature: -40°C to +125°C
5. Moisture Sensitive Level (MSL): Level 3
B. ELECTRICAL CHARACTERISTICS:
1. Terminating source impedance: ZS = 50Ω
2. Terminating load impedance: ZL = 50Ω
Item
Unit
Min.
Typ.
Max.
Note
Center Frequency Fc
MHz
-
915
-
-
Insertion Loss (902 ~ 928MHz) IL
dB
-
1.9
2.5
-
Amplitude ripple (902 ~ 928MHz)
dB
-
0.8
1.5
-
VSWR (902 ~ 928MHz)
-
1.6
2
-
Group Delay Deviation (902 ~ 928MHz)
ns
-
11
50
-
Attenuation (reference level from 0dB)
10 ~ 800MHz
dB
42
46
-
-
800 ~ 845MHz
dB
40
44
-
-
845 ~ 880MHz
dB
35
38
-
-
947 ~ 970MHz
dB
13
28
-
-
970 ~ 1020MHz
dB
33
47
-
-
1020 ~ 1200MHz
dB
35
43
-
-
1200 ~ 3000MHz
dB
28
34
-
-
Temperature Coefficient of Frequency
ppm/°C
-
-36
-
-


Similar Part No. - MP06992

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP06990 GOLLEDGE-MP06990 Datasheet
324Kb / 5P
SAW Filter 912.0MHz
MP06994 GOLLEDGE-MP06994 Datasheet
226Kb / 8P
SAW Filter 916.450MHz
MP06996 GOLLEDGE-MP06996 Datasheet
395Kb / 7P
SAW Filter 925.20MHz
MP06999 GOLLEDGE-MP06999 Datasheet
303Kb / 6P
SAW Resonator: 315.0MHz
More results

Similar Description - MP06992

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
F9151 ITF-F9151 Datasheet
274Kb / 7P
SAW Bandpass Filter 915.0MHz
2010-03-15
logo
Abracon Corporation
AFS915.0W03-TS3 ABRACON-AFS915.0W03-TS3 Datasheet
946Kb / 2P
SMD 915.0MHz SAW FILTER
11.07.11
logo
Golledge Electronics Lt...
MA09103 GOLLEDGE-MA09103 Datasheet
179Kb / 6P
915.0MHz SAW Filter
MP02566 GOLLEDGE-MP02566 Datasheet
103Kb / 7P
SAW Filter 915.0MHz
MP04309 GOLLEDGE-MP04309 Datasheet
242Kb / 6P
SAW Filter 915.0MHz
MP03642 GOLLEDGE-MP03642 Datasheet
106Kb / 6P
SAW Filter 915.0MHz
MP04574 GOLLEDGE-MP04574 Datasheet
122Kb / 6P
SAW Filter 915.0MHz
MA03704 GOLLEDGE-MA03704 Datasheet
223Kb / 4P
SAW Filter 915.0MHz for ISM900 (High Attenuation)
MA06291 GOLLEDGE-MA06291 Datasheet
78Kb / 4P
SAW Resonator 915.0MHz
MA06101 GOLLEDGE-MA06101 Datasheet
165Kb / 4P
915.0MHz SAW Resonator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com