Electronic Components Datasheet Search
  English  ▼

X  

5KP Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

Part # 5KP
Description  5000W Peak Power TVS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

5KP Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  5KP_18 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 5KP_18 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH 5KP_18 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH 5KP_18 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
5KP SERIES
Voltage 5V~190V
5000W Peak Power TVS
Elektronische Bauelemente
24-May-2018 Rev. B
Page 3 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTIC (T
A=25°C unless otherwise noted)
Part Number
Reverse
Standoff
Voltage
Breakdown
Voltage @IT
Test
Current
Max.
Clamping
Voltage
VC @IPP
Peak
Pulse
Current
Reverse
Leakage
IR @VRRM
Min.
Max.
Directional
VR
VBR
VBR
IT
VC
IPP
IR
Uni
Bi
V
V
V
mA
V
A
uA
5KP58A
5KP58CA
58
64.4
71.2
5
93.6
53.42
2
5KP60A
5KP60CA
60
66.7
73.7
5
96.8
51.65
2
5KP64A
5KP64CA
64
71.1
78.6
5
103
48.54
2
5KP70A
5KP70CA
70
77.8
86
5
113
44.25
2
5KP75A
5KP75CA
75
83.3
92.1
5
121
41.32
2
5KP78A
5KP78CA
78
86.7
95.8
5
126
39.68
2
5KP80A
5KP80CA
80
88.8
97.6
5
129.6
38.58
2
5KP85A
5KP85CA
85
94.4
104
5
137
36.5
2
5KP90A
5KP90CA
90
100
111
5
146
34.25
2
5KP100A
5KP100CA
100
111
123
5
162
30.86
2
5KP110A
5KP110CA
110
122
135
5
177
28.25
2
5KP120A
5KP120CA
120
133
147
5
193
25.91
2
5KP130A
5KP130CA
130
144
159
5
209
23.92
2
5KP140A
5KP140CA
140
155
171
5
226.8
22.05
2
5KP150A
5KP150CA
150
167
185
5
243
20.58
2
5KP160A
5KP160CA
160
178
197
5
259
19.31
2
5KP170A
5KP170CA
170
189
209
5
275
18.18
2
5KP180A
5KP180CA
180
200
220
5
291.6
17.15
2
5KP190A
5KP190CA
190
211
232
5
307.8
16.24
2
Notes:
1.
Suffix 'A' denotes 5% tolerance device.
2.
For Bi-Directional devices having VR of 10volts and under, the IR limit is double.
3.
Add suffix 'CA' after part number to specify Bi-directional devices.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com