Electronic Components Datasheet Search
  English  ▼

X  

GL1506B Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # GL1506B
Description  15Amp Glass Passivated Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

GL1506B Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  GL1506B Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH GL1506B Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
GL1506B~GL1508B
Voltage 600V~800V
15Amp Glass Passivated Bridge Rectifiers
22-May-2018 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Glass Passivated Chip Junction
Thin Single in-line Package
Ideal for Printed Circuit Boards
High Surge Current Capability
High Case Dielectric Strength
Low Forward Voltage Drop
Solder Dip
APPLICATIONS
General Purpose use in AC/DC full Wave Rectification
for Switching Power Supply
Home Appliances, Office Equipment,
Industrial Automation Applications
MECHANICAL DATA
Molded Epoxy Body,Epoxy Meets UL 94V-0 Flammability Rating
Terminals: Matte Tin Plated Leads, Solderable Per
J-STD-002 and JESD22B-106
Polarity: As Marked on Body
ORDER INFORMATION
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (T
A=25°C Unless otherwise specified)
Part Number
Parameter
Symbol
GL1506B
GL1508B
Unit
Maximum Recurrent Peak Reverse Voltage
VRRM
600
800
Maximum RMS Voltage
VRMS
420
560
Maximum DC Blocking Voltage
VDC
600
800
V
TC=110°C
1
15
Maximum Average Forward Rectified
Output Current
TA=25°C
2
IF(AV)
3.7
A
Peak Forward Surge Current 8.3ms Single Sine-Wave
Superimposed on Rated Load (JEDEC Method)
IFSM
280
A
Dielectric strength (Terminals to case, AC)
VISO
2500
V
TA=25°C
0.91
Maximum Instantaneous Forward
Voltage Drop Per Leg @IF=7.5A
TA=125°C
VF
0.83
V
TA=25°C
5
Maximum DC Reverse Current
@Rated DC Blocking Voltage Per Leg
TA=125°C
IR
250
µA
Typical Reverse Recovery Time
@IF=0.5A, IR=1A, Irr=0.25A
TRR
4
µS
Junction and Storage Temperature Range
TJ, TSTG
-55~150
°C
Thermal Resistance Ratings
Thermal Resistance from Junction-Ambient
2
RθJA
25
°C/W
Thermal Resistance from Junction-Case
1
RθJC
1.5
°C/W
Notes:
1.
Unit case mounted with heatsink.
2.
Unit case mounted on PCB without heatsink.
Part Number
Type
GL1506B~GL1508B
Lead (Pb)-free
GL1506B-C~GL1508B-C
Lead (Pb)-free and Halogen-free
GBJ
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
29.7
30.3
I
7.3
7.7
B
19.7
20.3
J
3.1
3.7
C
2.3
2.7
K
0.6
0.8
D
17
18
L
10.8
11.2
E
2.0
2.4
M
φ3.1
φ3.4
F
0.9
1.1
N
3.8
4.2
G
3.4
3.8
P
4.4
4.8
H
9.8
10.2


Similar Part No. - GL1506B

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
GL1506B GOOD-ARK-GL1506B Datasheet
223Kb / 3P
Glass Passivated Single In-Line Bridge Rectifiers
GL1506B GOOD-ARK-GL1506B_15 Datasheet
223Kb / 3P
Glass Passivated Single In-Line Bridge Rectifiers Reverse voltage-600V to 800V Forward current-15Amperes
More results

Similar Description - GL1506B

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
GBJ15005 CHENYI-GBJ15005 Datasheet
57Kb / 2P
15Amp glass passivated bridge rectifier 50to1000 volts
logo
Comchip Technology
GBPC15005W-G COMCHIP-GBPC15005W-G Datasheet
91Kb / 3P
Glass Passivated Bridge Rectifiers
logo
Gaomi Xinghe Electronic...
GBU10005 GXELECTRONICS-GBU10005 Datasheet
589Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Yea Shin Technology Co....
2W005G YEASHIN-2W005G Datasheet
356Kb / 2P
Glass Passivated Bridge Rectifiers
logo
DIYI Electronic Technol...
KBPC15005 DYELEC-KBPC15005 Datasheet
3Mb / 3P
SINGLE PHASE 15AMP GLASS PASSIVATED BRIDGE RECTIFIER
logo
SeCoS Halbleitertechnol...
KBJ15005 SECOS-KBJ15005 Datasheet
312Kb / 2P
Voltage 50V ~ 1000V 15Amp Glass Passivated Bridge Rectifiers
GBU15005 SECOS-GBU15005_18 Datasheet
246Kb / 2P
15Amp Glass Passivated Bridge Rectifiers
GBJL1506 SECOS-GBJL1506 Datasheet
314Kb / 2P
15Amp Glass Passivated Bridge Rectifiers
KBJ15005 SECOS-KBJ15005_17 Datasheet
247Kb / 2P
15Amp Glass Passivated Bridge Rectifiers
GBJ15005 SECOS-GBJ15005_15 Datasheet
204Kb / 2P
15Amp Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com