Electronic Components Datasheet Search
  English  ▼

X  

MSB310S Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # MSB310S
Description  3.0 Amp Surface Mount Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MSB310S Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  MSB310S Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MSB310S Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
MSB301S-C ~ MSB310S-C
Voltage 100V ~ 1000V
3.0 Amp Surface Mount Bridge Rectifiers
26-Jun-2018 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
High surge current capability
Saves space on printed circuit boards
Glass passivated structure
MECHANICAL DATA
Terminals: Solderable per MIL-STD-750, Method 2026
Case: UMSB
Mounting position: Any
PACKAGE INFORMATION
Package
MPQ
Leader Size
UMSB
3K
13 inch
MARKING
Part Number
Marking
MSB301S-C ~ MSB310S-C
MB30M
ORDER INFORMATION
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
Part Number
Parameter
Symbol
MSB
301S
MSB
302S
MSB
304S
MSB
306S
MSB
308S
MSB
310S
Unit
Maximum Recurrent Peak Reverse Voltage
VRRM
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
100
200
400
600
800
1000
V
Maximum Average Forward Current
IF(AV)
3
A
Peak Forward Surge Current 8.3 ms Single Half
Sine-Wave Superimposed on Rated Load
(JEDEC Method)
IFSM
80
A
Maximum instantaneous forward voltage @ IF=3A
VF
1.1
V
TA=25°C
5
Maximum DC Reverse Current
at Rated DC Blocking Voltage
TA=125°C
IR
100
µA
Typical junction capacitance
1
CJ
30
pF
Thermal resistance junction to Case
2
RθJC
10
°C/W
Operating and Storage Temperature range
TJ, TSTG
-55~150
°C
Note:
1. Measured at 1MHz and applied reverse voltage of 4 V D.C.
2. Mounted on glass epoxy PC board with 4×1.5"×1.5"(3.81×3.81 cm)copper pad.
Part Number
Type
MSB301S-C ~ MSB310S-C
Lead (Pb)-free and Halogen-free
UMSB
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
6.2
7.0
E
0.9
1.2
B
8.4
8.9
F
7.1
7.6
C
4.9
5.3
G
1.3
1.5
D
0.15
0.3


Similar Part No. - MSB310S

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
MSB310 DGNJDZ-MSB310 Datasheet
1Mb / 3P
MSB Plastic-Encapsulate Bridge Rectifier
logo
Shanghai Shunye Electro...
MSB310 SHUNYE-MSB310 Datasheet
237Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS VOLTAGE RANGE: 50 --- 1000 V CURRENT : 3.0 A
More results

Similar Description - MSB310S

ManufacturerPart #DatasheetDescription
logo
UNIOHM CORPORATION
S3A UNIOHM-S3A Datasheet
65Kb / 2P
3.0 AMP SURFACE MOUNT SILICON RECTIFIERS
S3AB UNIOHM-S3AB Datasheet
64Kb / 2P
3.0 AMP SURFACE MOUNT SILICON RECTIFIERS
logo
Goodwork Semiconductor ...
S3A GWSEMI-S3A Datasheet
64Kb / 2P
3.0 AMP SURFACE MOUNT SILICON RECTIFIERS
S3AB GWSEMI-S3AB Datasheet
65Kb / 2P
3.0 AMP SURFACE MOUNT SILICON RECTIFIERS
logo
Nanjing International G...
DB301GS DGNJDZ-DB301GS Datasheet
143Kb / 2P
SINGLE PHASE 3.0 AMP SURFACE MOUNT BRIDGE RECTIFIERS
S3ASMA DGNJDZ-S3ASMA Datasheet
126Kb / 2P
3.0 AMP SURFACE MOUNT SILICON RECTIFIERS
S3ASMB DGNJDZ-S3ASMB Datasheet
126Kb / 2P
3.0 AMP SURFACE MOUNT SILICON RECTIFIERS
S3ASMC DGNJDZ-S3ASMC Datasheet
118Kb / 2P
3.0 AMP SURFACE MOUNT SILICON RECTIFIERS
S3A DGNJDZ-S3A Datasheet
151Kb / 2P
3.0 AMP SURFACE MOUNT SILICON RECTIFIERS
logo
Bytesonic Electronics C...
MSB301 BYTESONIC-MSB301 Datasheet
1,013Kb / 3P
SINGLE PHASE 3.0 AMP SURFACE MOUNT BRIDGE RECTIFIERS
Version 1.1 2020/5/8
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com