Electronic Components Datasheet Search
  English  ▼

X  

SESD12 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SESD12
Description  Uni-direction ESD Protection Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SESD12 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SESD12 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SESD12 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SESD12 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SESD12
220W, 12V
Uni-direction ESD Protection Diode
Elektronische Bauelemente
13-Aug-2018 Rev. B
Page 2 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ESD STANDARDS COMPLIANCE
ELECTRICAL PARAMETER
IEC61000-4-2 Standard
Contact Discharge
Air Discharge
Level
Test Voltage kV
Level
Test Voltage kV
1
2
1
2
2
4
2
4
3
6
3
8
4
8
4
15
JESD22-A114-B Standard
ESD Class
Human Body Discharge V
0
0~249
1A
250~499
1B
500~999
1C
1000~1999
2
2000~3999
3A
4000~7999
3B
8000~15999
Symbol
Parameter
VC
Clamping Voltage @IPP
IPP
Peak Pulse Current
VBR
Breakdown Voltage @IT
IT
Test Current
IR
Reverse Leakage Current @VRWM
VRWM
Reverse Standoff Voltage
VF
Forward Voltage @IF
IF
Forward Current



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com