Electronic Components Datasheet Search
  English  ▼

X  

SD24C Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SD24C
Description  ESD Protection (Bi-Directional)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SD24C Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SD24C Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SD24C Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SD24C Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Elektronische Bauelemente
SD24C
385W, 24V
ESD Protection (Bi-Directional)
05-Feb-2018 Rev. A
Page 2 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ABSOLUTE MAXIMUM RATINGS (T
A=25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Air Model
±25
IEC 61000-4-2 ESD Voltage
1
Contact Model
±25
JESD22-A114-B ESD Voltage
1
Per Human Body Model
±16
ESD Voltage
1
Machine Model
VESD
±0.4
kV
Peak Pulse Power
2
PPP
385
W
Peak Pulse Current
2
IPP
7
A
Maximum Lead Solder Temperature @10 Second Duration
TL
260
°C
Operating Junction and Storage Temperature Range
TJ, TSTG
-55~150
°C
ESD STANDARDS COMPLIANCE
ELECTRICAL PARAMETER



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com