Electronic Components Datasheet Search
  English  ▼

X  

DS1160 Datasheet(PDF) 2 Page - TT Electronics.

Part # DS1160
Description  Platon Gapmeter Type SGUV & SGUL
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

DS1160 Datasheet(HTML) 2 Page - TT Electronics.

  DS1160 Datasheet HTML 1Page - TT Electronics. DS1160 Datasheet HTML 2Page - TT Electronics. DS1160 Datasheet HTML 3Page - TT Electronics. DS1160 Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
© TT Electronics plc
Issue B 7/2017
Page 2
TT Electronics | Roxspur Measurement & Control Ltd
2 Downgate Drive, Sheffield, S4 8BT, England |Ph: +44(0)114 244 2521
www.roxspur.com | sales@roxspur.com
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Platon Gapmeter Type SGUV &
SGUL
DS1160
STANDARD SPECIFICATION
Orifice Plate:
Impulse Pipe and
Connectors:
Isolating Valves:
Tube:
Float:
Restrictor
:
‘O’ Seals:
Housing:
Temperature Limitation:
316 Stainless Steel mounted in a steel carrier ring with blue polyester coating / all 316
Stainless Steel / all uPVC.
Copper and plated brass / 316 Stainless Steel / uPVC for integral mounting. Brass and
316 Stainless Steel fittings with 50ft - 1/2'' O.D. Nylon flexible tubing or clear soft PVC
hose for remote mounting up to 25ft.
316 Stainless Steel with PTFE head / uPVC.
Borosilicate glass with 100mm fused-in ceramic scale.
316 Stainless Steel for water, red duralumin for air, or cored plastic.
316 Stainless Steel / uPVC.
Nitrile (others available).
Die-cast aluminum with white polyester coating, black bezel and perspex window.
80°C.
35 bar hydraulic on request.
25 bar liquids, 10 bar gases, 4 bar uPVC.
±2.5% FSD.
Clamp between flanges as detailed in relevant operation manual.
Pressure Test:
Accuracy:
Instructions:
Pressure Limitation:
STANDARD FLOW RANGES
In
Mm
10-250
10-63
2.5-63
2.5-14
1 ¼
1 ½
2
2 ½
3
4
5
6
8
32
40
50
65
80
100
125
150
200
2-10
3-15
5-25
8-40
10-50
20-100
30-150
40-200
80-400
2-5
3-7.5
5-12.5
8-20
10-25
20-50
30-75
40-100
80-200
30-150
40-200
80-400
120-600
180-900
300-1500
480-2400
720-3600
1200-6000
30-75
40-100
80-200
120-300
180-450
300-750
480-1200
720-1800
1200-3000
M³/h WATER @
20˚C
M³/h AIR
@ ATP 20˚C 760 Torr
Pipe Size
Pressure Drop mbar
Pressure Drop mbar
DESIGN
Simplicity of construction is sought throughout, so that compact,
inexpensive and safe assemblies result that are, at the same time,
easy to install and to maintain.
The Main Orifice Assembly consists of an orifice plate and carrier.
The plate, normally of Stainless Steel, is always made of material
entirely resistant to the fluid to be measured and is sized and ma-
chined generally in accordance with British Standard practice de-
tailed in BS EN ISO 5167.
The carrier is made from 1†thick material (metal or plastic) and of
suitable diameter for clamping (within the bolt circle) between pipe
flanges provided by the user. Corner tappings are provided in the
carrier and are fitted with adapters to suit compression couplings
for by-pass piping.
The Gapmeter Assembly comprises a standard GU Gapmeter fitted
with a calibrated restrictor. The restrictor and indicating float are of
material entirely resistant to the fluid, standard materials are
Stainless Steel and Duralumin but alternatives are readily available.
The restrictor is of small bore and must not be obstructed other-
wise inaccuracy will result; being sited, however at the top of the
Gapmeter glass metering tube, any obstruction can be easily seen.
1. At maximum flowrate, 65% of the calculated pressure loss is
recovered.
2. The adjacent table is a useful guide to capacity, but in certain sizes
this can be increased by 20%or reduced to as little as 10% of standard.
Liquid capacity is unaffected by static pressure and is suitable for
viscosities up to 3 cP. Approximately 75% higher capacity is available
with a solid Stainless Steel float with a 5:1 range at 900 mbar maxi-
mum pressure drop. Viscosity up to 12 cP is also possible. Gas capaci-
ties relate to air discharging at atmospheric pressure. Low-pressure
calibrations for 5 mbar maximum are available. For other conditions
of temperature and pressure, special scales are available.
3. LPCB units are approved for use on sprinkler installations. See
leaflet DS1162 & DS1163.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com