Electronic Components Datasheet Search
  English  ▼

X  

DAC08Q Datasheet(PDF) 19 Page - Analog Devices

Part # DAC08Q
Description  8-Bit, High Speed, Multiplying D/A Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC08Q Datasheet(HTML) 19 Page - Analog Devices

Back Button DAC08Q Datasheet HTML 13Page - Analog Devices DAC08Q Datasheet HTML 14Page - Analog Devices DAC08Q Datasheet HTML 15Page - Analog Devices DAC08Q Datasheet HTML 16Page - Analog Devices DAC08Q Datasheet HTML 17Page - Analog Devices DAC08Q Datasheet HTML 18Page - Analog Devices DAC08Q Datasheet HTML 19Page - Analog Devices DAC08Q Datasheet HTML 20Page - Analog Devices DAC08Q Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
Data Sheet
DAC08
Rev. D | Page 19 of 21
CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
COMPLIANT TO JEDEC STANDARDS MS-012-AC
10.00 (0.3937)
9.80 (0.3858)
16
9
8
1
6.20 (0.2441)
5.80 (0.2283)
4.00 (0.1575)
3.80 (0.1496)
1.27 (0.0500)
BSC
SEATING
PLANE
0.25 (0.0098)
0.10 (0.0039)
0.51 (0.0201)
0.31 (0.0122)
1.75 (0.0689)
1.35 (0.0531)
0.50 (0.0197)
0.25 (0.0098)
1.27 (0.0500)
0.40 (0.0157)
0.25 (0.0098)
0.17 (0.0067)
COPLANARITY
0.10
8°
0°
45°
Figure 36. 16-Lead Standard Small Outline Package [SOIC_N]
Narrow Body
(R-16)
Dimensions shown in millimeters and (inches)
1
20
4
9
8
13
19
14
3
18
BOTTOM
VIEW
0.028 (0.71)
0.022 (0.56)
45° TYP
0.015 (0.38)
MIN
0.055 (1.40)
0.045 (1.14)
0.050 (1.27)
BSC
0.075 (1.91)
REF
0.011 (0.28)
0.007 (0.18)
R TYP
0.095 (2.41)
0.075 (1.90)
0.100 (2.54) REF
0.200 (5.08)
REF
0.150 (3.81)
BSC
0.075 (1.91)
REF
0.358 (9.09)
0.342 (8.69)
SQ
0.358
(9.09)
MAX
SQ
0.100 (2.54)
0.064 (1.63)
0.088 (2.24)
0.054 (1.37)
CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETERS DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN
Figure 37. 20-Terminal Ceramic Leadless Chip Carrier [LCC]
(E-20-1)
Dimensions shown in inches and (millimeters)
ORDERING GUIDE
Model1, 2, 3
NL
Temperature Range
Package Description
Package Option
No. Parts Per Container
DAC08AQ
±0.10%
−55°C to +125°C
16-Lead CERDIP
Q-16
25
DAC08AQ/883C
±0.10%
−55°C to +125°C
16-Lead CERDIP
Q-16
25
DAC08HQ
±0.10%
0°C to 70°C
16-Lead CERDIP
Q-16
25
DAC08Q
±0.19%
−55°C to +125°C
16-Lead CERDIP
Q-16
25
DAC08RC/883C
±0.19%
−55°C to +125°C
20-Terminal LCC
E-20-1
55
DAC08EQ
±0.19%
0°C to 70°C
16-Lead CERDIP
Q-16
25
DAC08ES
±0.19%
0°C to 70°C
16-Lead SOIC
R-16
47
DAC08ESZ
±0.19%
0°C to 70°C
16-Lead SOIC
R-16
47
DAC08ESZ-REEL
±0.19%
0°C to 70°C
16-Lead SOIC
R-16
2500
DAC08CP
±0.39%
−40°C to +85°C
16-Lead PDIP
N-16
25
DAC08CPZ
±0.39%
−40°C to +85°C
16-Lead PDIP
N-16
25
DAC08CS
±0.39%
−40°C to +85°C
16-Lead SOIC
R-16
47
DAC08CS-REEL
±0.39%
−40°C to +85°C
16-Lead SOIC
R-16
2500
DAC08CSZ
±0.39%
−40°C to +85°C
16-Lead SOIC
R-16
47
DAC08CSZ-REEL
±0.39%
−40°C to +85°C
16-Lead SOIC
R-16
2500
DAC08EPZ
±0.19%
0°C to 70°C
16-Lead PDIP
N-16
25
1
Devices processed in total compliance to MIL-STD-883. Consult the factory for the 883 data sheet.
2
For availability and burn-in information on the SOIC package, contact your local sales office.
3
Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com