Electronic Components Datasheet Search
  English  ▼

X  

DAC8420FPZ Datasheet(PDF) 19 Page - Analog Devices

Part # DAC8420FPZ
Description  Quad 12-Bit Serial Voltage Output DAC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8420FPZ Datasheet(HTML) 19 Page - Analog Devices

Back Button DAC8420FPZ Datasheet HTML 15Page - Analog Devices DAC8420FPZ Datasheet HTML 16Page - Analog Devices DAC8420FPZ Datasheet HTML 17Page - Analog Devices DAC8420FPZ Datasheet HTML 18Page - Analog Devices DAC8420FPZ Datasheet HTML 19Page - Analog Devices DAC8420FPZ Datasheet HTML 20Page - Analog Devices DAC8420FPZ Datasheet HTML 21Page - Analog Devices DAC8420FPZ Datasheet HTML 22Page - Analog Devices DAC8420FPZ Datasheet HTML 23Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
Data Sheet
DAC8420
Rev. C | Page 19 of 23
8
9
16
15
14
12
11
10
DAC8420
DAC A
DAC B
DAC C
DAC D
4
5
DIGITAL
CONTROLS
GND
DIGITAL INPUTS
VREFHI
VREFLO
2
3
6
7
5V SUPPLY
VOUTA
VOUTB
VOUTC
VOUTD
REF43
VIN
GND
4
2
VOUT 6
0.1µF
5V SUPPLY
2.5V
VSS
0.1µF
1
5V
0.1µF
3
C1
C2
C3
C4
2
1
14
13
5
7
9
11
4
6
8
10
12
CMP04
604Ω
5V
RED LED
604Ω
5V
RED LED
OUT A
OUT B
VINA
VINB
Figure 36. Dual Programmable Window Comparator
DUAL WINDOW COMPARATOR
Often a comparator is needed to signal an out-of-range warning.
Combining the DAC8420 with a quad comparator such as the
CMP04 provides a simple dual window comparator with adjustable
trip points as shown in Figure 36. This circuit can be operated with
either a dual supply or a single supply. For the A input channel,
DAC B sets the low trip point, and DAC A sets the upper trip
point. The CMP04 has open-collector outputs that are connected
together in a wire-OR’ed configuration to generate an out-of-
range signal. For example, when VINA goes below the trip point
set by DAC B, Comparator C2 pulls the output down, turning
on the red LED. The output can also be used as a logic signal for
further processing.
MC68HC11 MICROCONTROLLER INTERFACING
Figure 37 shows a serial interface between the DAC8420 and
the MC68HC11 8-bit microcontroller. The SCK output of the
port outputs the serial data to load into the SDI input of the
DAC. The port lines (PD5, PC0, PC1, and PC2) provide the
controls to the DAC as shown.
DAC8420*
CLSEL
CLK
SDI
CLR
CS
LD
PC2
SCK
MOSI
PC1
PC0
(PD5) SS
MC68HC11*
*ADDITIONAL PINS OMITTED FOR CLARITY.
Figure 37. MC68HC11 Microcontroller Interface
For correct operation, the MC68HC11 must be configured
such that the CPOL bit and CPHA bit are both set to 1. In this
configuration, serial data on MOSI of the MC68HC11 is valid
on the rising edge of the clock, which is the required timing for
the DAC8420. Data is transmitted in 8-bit bytes (MSB first), with
only eight rising clock edges occurring in the transmit cycle. To
load data to the input register of the DAC8420, PC0 is taken low
and held low during the entire loading cycle. The first eight bits
are shifted in address first, immediately followed by another eight
bits in the second least-significant byte to load the complete 16-
bit word. At the end of the second byte load, PC0 is then taken
high. To prevent an additional advancing of the internal shift
register, SCK must already be asserted before PC0 is taken high.
To transfer the contents of the input shift register to the DAC
register, PD5 is then taken low, asserting the LD input of the DAC
and completing the loading process. PD5 must return high before
the next load cycle begins. The CLR input of the DAC8420
(controlled by the output PC1) provides an asynchronous clear
function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com