Electronic Components Datasheet Search
  English  ▼

X  

290 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 290
Description  Low Cost Single and Multichannel Isolation Amplifier
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

290 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  290 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FEATURES
Low Cost
Isolated Power Supply: +13V dc @ +5mA (290A) or ±15mA
(292A)
Low Nonlinearity: 0.1% @ 10V pk-pk Output
High Gain Stability: 0.001 %/1000 Hours; 0.01%/
°C
Small Size: 1.5” x 1.5” x 0.62”
Range: 20V pk-pk
Low Input Offset Voltage Drift: 10
µ/°C (Gain = 100V/V)
Wide Input/Output Dynamic Range: 20V pk-pk
High CMV Isolation: 1500V dc, Continuous
Wide Gain Range: 1 to 100V/V
Multichannel Capability Using External Oscillator (292A)
Information furnished by Intronics is believed to be accurate and reliable. However, no
responsibility is assumed by Intronics for its use; nor for any infringements of patents or
other rights of third parties which may result from its use. No license is granted by
implication or otherwise under any patent or patent rights of Intronics.
with 20V pk-pk input signal range at a gain of 1V/V operation. In
portable single or multichannel designs, single power supply
operation (+8V to +16V) enables battery operation.
DESIGN FEATURES AND USER BENEFITS
Isolated Power: Dual ±l3V dc output, completely isolated from the
input power terminals (±1500V dc isolation), provides the capability
to excite floating signal conditioners, front end buffer amplifiers and
remote transducers such as thermistors or bridges.
Adjustable Gain: Models 290A and 292A adjustable gain offers
compatibility with a wide class of input signals. A single external
resistor enables gain adjustment from 1V/V to 100V/V providing
flexibility in both high level transducer interfacing as well as low level
sensor measurement applications.
Floating, Guarded Front-End: The input stage of models 290A and
292A can directly accept floating differential signals or it may be
configured as a high performance instrumentation front-end to accept
signals having CMV with respect to input power common.
High Reliability: Models 290A and 292A are conservatively
designed, compact modules, capable of reliable operation in harsh
environments. They have a calculated MTBF of over 400,000
hours and are designed to meet MIL-STD-202E environmental
testing as well as the IEEE Standard for Transient Voltage
Protection (472-1974: Surge Withstand Capability).
GENERAL DESCRIPTION
Models 290A and 292A are low cost, compact, isolation amplifiers that
are optimized for single and multichannel industrial applications,
respectively. The model 290A has a self-contained oscillator and is
intended for single channel applications. A single external
synchronizing oscillator can drive up to 16 model 292A's or, a virtually
limitless number of model 292A's can be configured using multiple
oscillators. The user can supply the external oscillator circuit or specify
model 281 oscillator module, which includes a voltage regulator for
operation over a wide single supply voltage range of +8V to +28V.
Models 290A and 292A design features include: adjustable gain, from
1 to 100V/V, dual isolated power, ±l3V dc, ±1500V dc off ground
isolation, l00dB minimum CMR at 60Hz, 1k
Ω source imbalance, in a
compact 1.5" X 1.5" X 0.6" module. Models 290A and 292A achieve
low input noise of l
µV pk-pk (10Hz bandwidth, G = 100V/V),
nonlinearity of ±0.1% @ 10V pk-pk output, and an input/output
dynamic range of 20V pk-pk.
Using modulation techniques with reliable transformer isolation,
models 290A and 292A will interrupt ground loops, leakage paths, and
voltage transients, while providing dc to 2kHz (-3dB) response.
WHERE TO USE MODELS 290A AND 292A
Industrial Applications: In data acquisition systems, computer
interface systems, process signal isolators and high CMV
instrumentation, models 290A and 292A offer complete galvanic
isolation and protection against damage from transients and fault
voltages. High level transducer interface capability is afforded
APPLICATIONS
Ground Loop Elimination in Industrial and Process
Control High Voltage Protection in Data Acquisition
Systems
Fetal Heart Biomedical and Monitoring Instrumentation
Off -Ground Signal Measurements
1400 Providence Highway, Building #2
Norwood, MA 02062
Phone (781) 551-5500
FAX (781) 551-5555
www.intronicspower.com
Low Cost Single and
Multichannel Isolation Amplifier
Models 290A, 292A


Similar Part No. - 290

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
290 DBLECTRO-290 Datasheet
308Kb / 1P
PLUGGABLE SERIES
logo
CTS Corporation
290 CTS-290 Datasheet
389Kb / 2P
Commercial Miniature 9mm Encoders
logo
Adafruit Industries
290 ADAFRUIT-290 Datasheet
183Kb / 1P
Solid-Core Wire Spool - 25ft - 22AWG - Black
logo
Keystone Electronics Co...
290 KEYSTONE-290 Datasheet
527Kb / 1P
BATTERY CONTACTS FOR MOLDED CASES
31-07 20th
logo
Glenair, Inc.
290-003 GLENAIR-290-003 Datasheet
125Kb / 2P
Strain-Relief Clamps and Environmental Backshells
More results

Similar Description - 290

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ISO103 BURR-BROWN-ISO103 Datasheet
112Kb / 9P
Low-Cost, Internally Powered ISOLATION AMPLIFIER
ISO120 BURR-BROWN-ISO120 Datasheet
184Kb / 16P
Precision Low Cost ISOLATION AMPLIFIER
ISO122 BURR-BROWN-ISO122 Datasheet
188Kb / 13P
Precision Lowest Cost ISOLATION AMPLIFIER
logo
List of Unclassifed Man...
1A184 ETC1-1A184 Datasheet
28Kb / 1P
IA184 LOW-COST, HIGH-LINEARITY ISOLATION AMPLIFIER
logo
Burr-Brown (TI)
ISO130 BURR-BROWN-ISO130 Datasheet
108Kb / 11P
High IMR, Low Cost ISOLATION AMPLIFIER
ISO212 BURR-BROWN-ISO212 Datasheet
114Kb / 11P
Low Cost, Two-Port Isolated, 1500Vrms ISOLATION AMPLIFIER
logo
Intronics Power, Inc.
290A INTRONICS-290A Datasheet
1Mb / 6P
Low Cost, Single and Multichannel Isolation Amplifier
logo
Texas Instruments
ISO122PE4 TI-ISO122PE4 Datasheet
762Kb / 20P
Precision Lowest Cost ISOLATION AMPLIFIER
logo
Burr-Brown (TI)
ISO120G-BI BURR-BROWN-ISO120G-BI Datasheet
192Kb / 16P
Precision Low Cost ISOLATION AMPLIFIER
logo
Texas Instruments
ISO124 TI1-ISO124 Datasheet
1Mb / 28P
Precision Lowest-Cost Isolation Amplifier
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com