Electronic Components Datasheet Search
  English  ▼

X  

MT9M112 Datasheet(PDF) 1 Page - Micron Technology

Part # MT9M112
Description  1/4-Inch, 1.3 Megapixel CMOS Image Sensor System-on-Chip
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT9M112 Datasheet(HTML) 1 Page - Micron Technology

  MT9M112 Datasheet HTML 1Page - Micron Technology MT9M112 Datasheet HTML 2Page - Micron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MT9M112
1/4-Inch, 1.3 Megapixel CMOS Image Sensor
System-on-Chip
Features
DigitalClarityCMOS imaging technology
VDD power disable switch for reduced standby current
On-die phase lock loop (PLL)
Programmable I/O slew rate
2 x 2 pixel binning
Simple two-wire serial programming interface
ITU-R BT.656 (YCbCr), 565RGB, 555RGB, or 444RGB
formats (progressive scan)
System-on-chip (SOC)—a completely integrated
camera system
Ultra low-power, low-cost, progressive scan CMOS
image sensor
1.3-megapixel resolution (1,280H x 1,024V)
1/4-inch optical format
15 frames per second (fps) at full resolution
Superior low-light performance
On-die image flow processor performs sophisticated
processing: color recovery and correction, sharpening,
gamma, lens shading correction, and on-the-fly
defect correction
Mechanical shutter support
Filtered image downscaling to arbitrary size with
smooth, continuous zoom and pan
Getting the Picture…in Style
Mobile applications with small form factors are in
demand, and not surprisingly, customers are ex-
pecting to find more features in their new slimmer,
sleeker cell phones. They want to snap a photo at
the family picnic or capture a good time with friends
at a party. The 1/4-inch, 1.3-megapixel SOC image
sensor opens the door to slim designs that take
great pictures. Its specially engineered microlenses
produce high-quality images and enable low-profile
camera modules.
Focused on Design
The MT9M112 is a fully integrated system-on-chip
(SOC) sensor, incorporating additional logic on the
device that simplifies the camera module design, re-
lated manufacturing processes, system integration,
power management, and component count. It in-
corporates sophisticated camera functions on-chip
and is programmable through a simple two-wire se-
rial interface. This yields more space and makes the
sensor easier to design with. Additionally, this de-
vice enables mobile phone manufacturers to simply
upgrade their existing 1/4-inch VGA cameras to 1/4-
inch megapixel cameras, occupying the same height
and footprint.
Enhanced Capabilities
The device features 2 x 2 pixel binning, programma-
ble input/output slew rate, mechanical shutter sup-
port, and continuous, smooth zoom and pan, as well
as day and night mode configurations. It has three-
channel gamma correction, lens shading correction,
and color correction. The camera control sequencer
automates the camera’s flash and video clip snap-
shots. The device also has an on-board PLL and sup-
ports pixel binning as an enhanced form of image
size reduction.
You Get a Complete Solution
The MT9M112 is sure to improve your designs, as
will working with Micron. In addition to high-qual-
ity products, you’ll also get the added advantages
of doing business with a top-tier supplier: advanced
technology, worldwide facilities, technical exper-
tise, and sales support—a superior solution from an
industry leader.
Samples for this device are available now, and pro-
duction will commence in December of 2005. For
more information or to order the MT9M112, call
your Micron Imaging representative or visit Micron’s
Web site at www.micron.com/imaging.


Similar Part No. - MT9M112

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT9M111 MICRON-MT9M111 Datasheet
804Kb / 61P
1/3-INCH SOC MEGAPIXEL CMOS DIGITAL IMAGE SENSOR
logo
ON Semiconductor
MT9M114 ONSEMI-MT9M114 Datasheet
1Mb / 66P
Digital Image Sensor
Rev. J Pub. 4/15 EN
MT9M114 ONSEMI-MT9M114 Datasheet
2Mb / 62P
High-Definition (HD) System-On- A-Chip (SOC) Digital Image Sensor
Rev. 11, 2/16 EN
MT9M114 ONSEMI-MT9M114 Datasheet
1Mb / 45P
High?륞efinition (HD) System?륮n?륾?륝hip (SOC) Digital Image Sensor
December, 2016 ??Rev. 12
MT9M114D00STCZK24BC1-200 ONSEMI-MT9M114D00STCZK24BC1-200 Datasheet
1Mb / 66P
Digital Image Sensor
Rev. J Pub. 4/15 EN
More results

Similar Description - MT9M112

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT9M111 MICRON-MT9M111 Datasheet
804Kb / 61P
1/3-INCH SOC MEGAPIXEL CMOS DIGITAL IMAGE SENSOR
MT9M413C36STC MICRON-MT9M413C36STC Datasheet
504Kb / 30P
1.3-MEGAPIXEL CMOS ACTIVE-PIXEL DIGITAL IMAGE SENSOR
MT9T001P12STC MICRON-MT9T001P12STC Datasheet
719Kb / 41P
1/2-Inch 3-Megapixel CMOS Digital Image Sensor
MT9M001 MICRON-MT9M001 Datasheet
574Kb / 32P
1/2-Inch Megapixel CMOS Digital Image Sensor
logo
Cypress Semiconductor
CYIWOSC1300AA CYPRESS-CYIWOSC1300AA Datasheet
345Kb / 31P
1.3 Megapixel CMOS Sensor
logo
STMicroelectronics
VD6725 STMICROELECTRONICS-VD6725 Datasheet
190Kb / 4P
2 megapixel, 1/5 inch system-on-chip imaging sensor
31-Jan-2008
logo
Cypress Semiconductor
CYIL1SM4000AA CYPRESS-CYIL1SM4000AA_09 Datasheet
1Mb / 31P
4 MegaPixel CMOS Image Sensor
CYII5SM1300AB CYPRESS-CYII5SM1300AB_11 Datasheet
1Mb / 35P
IBIS5 1.3 Megapixel CMOS Image Sensor
logo
ON Semiconductor
NOII5SM1300A ONSEMI-NOII5SM1300A Datasheet
1,013Kb / 33P
IBIS5 1.3 Megapixel CMOS Image Sensor
May, 2013 ??Rev. 12
logo
Sony Corporation
ISX016 SONY-ISX016 Datasheet
283Kb / 2P
1/4-type 1.26megapixels CMOS image sensor System-on-Chip
Version 1.0a , Feb.2016
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com