Electronic Components Datasheet Search
  English  ▼

X  

MSK5021B Datasheet(PDF) 2 Page - M.S. Kennedy Corporation

Part # MSK5021B
Description  HIGH CURRENT, SUPER LOW DROPOUT ADJUSTABLE VOLTAGE REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK5021B Datasheet(HTML) 2 Page - M.S. Kennedy Corporation

  MSK5021B Datasheet HTML 1Page - M.S. Kennedy Corporation MSK5021B Datasheet HTML 2Page - M.S. Kennedy Corporation MSK5021B Datasheet HTML 3Page - M.S. Kennedy Corporation MSK5021B Datasheet HTML 4Page - M.S. Kennedy Corporation MSK5021B Datasheet HTML 5Page - M.S. Kennedy Corporation MSK5021B Datasheet HTML 6Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Storage Temperature Range
Lead Temperature Range
(10 Seconds)
Case Operating Temperature
MSK5021
MSK5021B/E Series
Typ.
±0.5
-
0.002
0.5
±0.5
-
±0.5
-
20
-
10
-
45
0.8
1.2
1.2
20
10
0.5
VIN
0.09
-
VIN
VEN
IOUT
TJ
Input Voltage
Enable Voltage
Output Current
Junction Temperature
TST
TLD
TC
ABSOLUTE MAXIMUM RATINGS
Group A
Subgroup
1
2,3
1
1
1
2,3
1
2,3
1
2,3
1
2,3
-
-
1
1
1
1
-
-
-
-
%
%
V
V
%
%
%
%
mA
mA
µA
µA
dB
°C/W
V
V
µA
µA
mS
V
V
mA
IOUT
= 0A
IOUT=20A
VIN=VOUT+1V
0A
≤ IOUT ≤ 10A
(VOUT +1V)
≤ VIN ≤ (VOUT+15V)
IOUT=0A
f=120Hz
Junction to Case @ 125°C
To within 10mV (IOUT=0A)
HIGH
LOW
HIGH
LOW
Ripple Rejection
2
Thermal Resistance
2
Output Settling Time
Fault Output Sink Current Range
Parameter
MSK 5021
MSK 5021B/E
ELECTRICAL SPECIFICATIONS
1
Test Conditions
Min.
-
-
-
-
-
-
-
-
-
-
-
-
2.4
-
-
-
-
-
-
1
Typ.
±0.5
±1.0
0.002
0.50
±0.5
±0.5
±0.5
±0.5
20
20
10
10
45
0.8
1.2
1.2
20
10
0.5
VIN
0.09
-
Max.
±1.0
±2.0
0.010
0.75
±1.0
±2.0
±1.0
±1.0
30
30
50
50
-
1.0
-
0.8
50
25
-
-
-
10
Min.
-
-
-
-
-
-
-
-
-
-
-
-
-
-
2.4
-
-
-
-
-
-
1
Max.
±1.0
-
0.010
1.0
±1.0
-
±1.0
-
30
-
50
-
-
1.0
-
0.8
50
25
-
-
-
10
Units
3
2
1
2
3
4
5
6
7
8
9
NOTES:
Output decoupled to ground using 33µF minimum capacitor and RSC=0
Ω unless otherwise specified.
This parameter is guaranteed by design but need not be tested. Typical parameters are representative of
actual device performance but are for reference only.
All output parameters are tested using a low duty cycle pulse to maintain TJ = TC.
Industrial grade and "E" suffix devices shall be tested to subgroup 1 only unless otherwise specified.
Military grade devices ('B' suffix) shall be 100% tested to subgroups 1,2 and 3.
Subgroup 1
Subgroup 2
Subgroup 3
After application of enable pulse.
Fault pin connected to VIN through a 5.1K
Ω resistor for VIN=5.0V.
Continuous operation at or above absolute maximum ratings may adversly effect the device performance
and/or life cycle.
TA=TC=+25°C
TA=TC=+125°C
TC=TC=-55°C
HIGH
LOW
7
2
8
2
Rev. F
1/05
2
36V
-0.3V to 36V
20A within SOA
+175°C
-65°C to +150°C
300°C
-40°C to +85°C
-55°C to +125°C
2
2
2
9
Quiescent Current
Enable Input Voltage
Enable Input Current
Fault Output Voltage
Output Voltage Tolerance
Dropout Voltage
Load Regulation
Line Regulation
IOUT=0A; VIN=VOUT+1V
VEN=5V; VIN=VOUT+1V; IOUT=0A
VEN=0V; VIN=VOUT+1V; IOUT=0A
IFAULT=1mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com