Electronic Components Datasheet Search
  English  ▼

X  

320NF Datasheet(PDF) 1 Page - Insel Rectifier India Pvt. Ltd.

Part # 320NF
Description  POWER DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRI [Insel Rectifier India Pvt. Ltd.]
Direct Link  https://www.rectifierindia.com/
Logo IRI - Insel Rectifier India Pvt. Ltd.

320NF Datasheet(HTML) 1 Page - Insel Rectifier India Pvt. Ltd.

  320NF Datasheet HTML 1Page - Insel Rectifier India Pvt. Ltd. 320NF Datasheet HTML 2Page - Insel Rectifier India Pvt. Ltd. 320NF Datasheet HTML 3Page - Insel Rectifier India Pvt. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
INTERNATIONAL
1
www.rectifierindia.com
April 2011
Available in Normal & Reverse Polarity
DO-9
All Diffused Series
Industrial Grade
Available in Avalanche Characteristic
TYPICAL APPLICATIONS
VRRM
(V)
VRSM
(V)
320NG40/320RG40
320NF40/320RF40
400
500
1200
1300
1600
1700
SYMBOL
CONDITIONS
VALUES
IF(AV)
Maximum average forward Current TC = 1300C
320A
VFM
1.65 V
IFSM
5500A
I
2t
Max. I
2t rating (non-rep.) for 10 msec
151000 A
2Sec
IRRM
Peak reverse current at Tvj = 1750C
50 mA
V0
R0
Tvj=max
Tvj=max
0.85 V
0.45 m
Rth(j-c)
Rth(c-h)
Rth(c-h)
Tvj
Tstg
0.12 C/W
0.10 C/W
0.07 C/W
200 C
200 C
Mounting torque
30 Nm
Weight
Approx.
Package Outline
STUD
FLAT
320NG120/320RG120
320NF120/320RF120
320NG160/320RG160
320NF160/320RF160
POWER DIODE
320NG/320RG,320NF/320RF
G,F
Maximum thermal resistance (
Junction to case)
Maximum thermal resistance ( Case to heat sink)(
)
Maximum thermal resistance ( Case to heat sink)(N ,R )
Junction temperature
Storage temperature
NG,RG
F F
Maximum peak forward Voltage drop @ Rated I F (Peak)
Maximum peak one cycle (non-rep.) surge current 10 msec
FEATURES
260 gms
DEVICE TYPE
TECHNICAL DATA
Machine tool controls
Power supplies
Battery chargers
Welders


Similar Part No. - 320NF

ManufacturerPart #DatasheetDescription
logo
Insel Rectifier India P...
320NF IRI-320NF Datasheet
1,003Kb / 3P
POWER DIODE
320NF120 IRI-320NF120 Datasheet
1,003Kb / 3P
POWER DIODE
320NF160 IRI-320NF160 Datasheet
1,003Kb / 3P
POWER DIODE
320NF180 IRI-320NF180 Datasheet
1,003Kb / 3P
POWER DIODE
320NF40 IRI-320NF40 Datasheet
1,003Kb / 3P
POWER DIODE
More results

Similar Description - 320NF

ManufacturerPart #DatasheetDescription
logo
Insel Rectifier India P...
6NA IRI-6NA Datasheet
541Kb / 3P
POWER DIODE
25NA IRI-25NA Datasheet
414Kb / 3P
POWER DIODE
70NC IRI-70NC Datasheet
364Kb / 3P
POWER DIODE
350NG IRI-350NG Datasheet
607Kb / 3P
POWER DIODE
400NG IRI-400NG Datasheet
1Mb / 3P
POWER DIODE
410NU IRI-410NU Datasheet
882Kb / 4P
POWER DIODE
570NU IRI-570NU Datasheet
656Kb / 5P
POWER DIODE
860NU IRI-860NU Datasheet
1Mb / 5P
POWER DIODE
82PF IRI-82PF_V01 Datasheet
1Mb / 4P
POWER DIODE
40029131 IRI-40029131 Datasheet
2Mb / 3P
POWER DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com