Electronic Components Datasheet Search
  English  ▼

X  

PA.22A Datasheet(PDF) 13 Page - Taoglas antenna solutions

Part # PA.22A
Description  TRI-BAND CELLULAR DIELECTRIC PIFA ANTENNA
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

PA.22A Datasheet(HTML) 13 Page - Taoglas antenna solutions

Back Button PA.22A Datasheet HTML 9Page - Taoglas antenna solutions PA.22A Datasheet HTML 10Page - Taoglas antenna solutions PA.22A Datasheet HTML 11Page - Taoglas antenna solutions PA.22A Datasheet HTML 12Page - Taoglas antenna solutions PA.22A Datasheet HTML 13Page - Taoglas antenna solutions PA.22A Datasheet HTML 14Page - Taoglas antenna solutions PA.22A Datasheet HTML 15Page - Taoglas antenna solutions PA.22A Datasheet HTML 16Page - Taoglas antenna solutions PA.22A Datasheet HTML 17Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
SPE-11-8-060/I
Page 13 of 19
3.3. Recommended Layout (As Per Taoglas Evaluation Board)
View from underneath board – note solder pads either side – laid out on non metal area
Layout dimensions - Allow 6mm clearance all around if possible (minimum 4mm)
Non metal area
6mm clearance ideally
(minimum 4mm clearance)
Feed To Module
To Ground
4.7nH inductor
For EVB only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com