Electronic Components Datasheet Search
  English  ▼

X  

DS2012SF Datasheet(PDF) 4 Page - Insel Rectifier India Pvt. Ltd.

Part # DS2012SF
Description  STANDARD RECOVERY DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRI [Insel Rectifier India Pvt. Ltd.]
Direct Link  https://www.rectifierindia.com/
Logo IRI - Insel Rectifier India Pvt. Ltd.

DS2012SF Datasheet(HTML) 4 Page - Insel Rectifier India Pvt. Ltd.

  DS2012SF Datasheet HTML 1Page - Insel Rectifier India Pvt. Ltd. DS2012SF Datasheet HTML 2Page - Insel Rectifier India Pvt. Ltd. DS2012SF Datasheet HTML 3Page - Insel Rectifier India Pvt. Ltd. DS2012SF Datasheet HTML 4Page - Insel Rectifier India Pvt. Ltd. DS2012SF Datasheet HTML 5Page - Insel Rectifier India Pvt. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
INTERNATIONAL
4
www.rectifierindia.com
April 2011
STANDARD RECOVERY DIODE
DS2012SF
Fig.3 Surge (non-repetitive) forward current vs time
(with 50% VRRM at Tcase 150°C)
Fig.4 Maximum (limit) transient thermal impedance-
junction to case



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com