Electronic Components Datasheet Search
  English  ▼

X  

DS2002SD Datasheet(PDF) 5 Page - Insel Rectifier India Pvt. Ltd.

Part # DS2002SD
Description  STANDARD RECOVERY DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRI [Insel Rectifier India Pvt. Ltd.]
Direct Link  https://www.rectifierindia.com/
Logo IRI - Insel Rectifier India Pvt. Ltd.

DS2002SD Datasheet(HTML) 5 Page - Insel Rectifier India Pvt. Ltd.

  DS2002SD Datasheet HTML 1Page - Insel Rectifier India Pvt. Ltd. DS2002SD Datasheet HTML 2Page - Insel Rectifier India Pvt. Ltd. DS2002SD Datasheet HTML 3Page - Insel Rectifier India Pvt. Ltd. DS2002SD Datasheet HTML 4Page - Insel Rectifier India Pvt. Ltd. DS2002SD Datasheet HTML 5Page - Insel Rectifier India Pvt. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
INTERNATIONAL
5
www.rectifierindia.com
April 2011
Hole Ø3.6x2.0 deep (in both electrodes)
Ø48 nom
Cathode
Anode
Ø48 nom
Ø76 max
Nominal weight: 450g
Clamping force: 19.6kN ± 10%
Package outline type code: D
All dimensions are in mm.
PACKAGE OUTLINE
STANDARD RECOVERY DIODE
DS2002SD
Plot No 151, Udyog Kendra, Extn.-II, Ecotech-III, Greater Noida-201306
Toll Free No.: 1800 3070 9989, Fax : 011-27491404
E-mail : insel@rectifierindia.com,
sales@rectifierindia.com
Insel Rectifiers (India) Pvt. Ltd.
(An ISO 9001:20
15, ISO 14001:2015 Certified Company)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com