Electronic Components Datasheet Search
  English  ▼

X  

4077172011 Datasheet(PDF) 2 Page - Fair-Rite Products Corp.

Part # 4077172011
Description  Rods
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIR-RITE [Fair-Rite Products Corp.]
Direct Link  http://www.fair-rite.com
Logo FAIR-RITE - Fair-Rite Products Corp.

4077172011 Datasheet(HTML) 2 Page - Fair-Rite Products Corp.

  4077172011 Datasheet HTML 1Page - Fair-Rite Products Corp. 4077172011 Datasheet HTML 2Page - Fair-Rite Products Corp. 4077172011 Datasheet HTML 3Page - Fair-Rite Products Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Wound Rod Inductance Calculations
To calculate the inductances of a wound rod the following formula can be used,
 
The inductance modifier is found in Figure 2. The ratio winding length divided by the rod length will give the inductance
modifier. If the rod is totally wound the K=1. Shorter but centered winding will yield higher K values.
 Using the rod 3061990871 as an example.
For this rod the length over diameter ratio is 8.33 and for 61 material Figure 1 gives a µrod of 29. The rod has an AE=
0.0707 cm² and ᵌ=2.5 cm.
A winding of 80 turns of 30 AWG wire will yield a fully wound rod, therefore K=1.
Using the formula the calculated inductance is 65.96µH.
 The measured values for both winding were 66.95 and 39.50µH respectively.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com