Electronic Components Datasheet Search
  English  ▼

X  

ST19WL34 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ST19WL34
Description  Smartcard MCU with Modular Arithmetic Processor & 34 or 66 Kbytes High Density EEROM
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST19WL34 Datasheet(HTML) 2 Page - STMicroelectronics

  ST19WL34 Datasheet HTML 1Page - STMicroelectronics ST19WL34 Datasheet HTML 2Page - STMicroelectronics ST19WL34 Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ST19WL34, ST19WL66
2/3
HARDWARE DESCRIPTION
The product, member of the ST19W platform, is a
serial access microcontroller specially designed
for cost effective secure portable applications.
It is manufactured using an advanced highly reli-
able ST CMOS EEPROM technology.
It is based on a STMicroelectronics 8 bit CPU and
includes on-chip memories: User ROM, User RAM
and EEPROM with state of the art security fea-
tures. ROM, RAM and EEPROM memories can be
configured into partitions with customized access
rules.
An additional ST ROM contains all ST provided
functions and libraries.
Access from any memory area to another are pro-
tected by hardware FIREWALLS. Access rules are
User defined and can be selected by mask options
or during the life of the product.
The chip includes an Enhanced DES accelerator
which is accessible via cryptographic software li-
braries located in ST ROM.
The chip includes also a MAP which is based on a
1088 bits processor architecture. It processes
modular multiplication, squaring and additional
calculations up to 2176 bit operands.
Internal Modular Arithmetic Processor (MAP) and
enhanced DES accelerator are designed to speed
up cryptographic calculations using Public Key Al-
gorithms and Secret Key Algorithms.
As with all the other ST19W products, a serial in-
terface fully compatible with the ISO7816 standard
for Smartcard applications is available.
A CRC calculation block is also available and is di-
rectly accessible by the User.
Figure 2. Block Diagram
SOFTWARE DEVELOPMENT
Software development and firmware (ROM code/options) generation are done with the ST19-HDSX de-
velopment system on Windows NT, Windows 98 and Windows 2000.
Powerful C/C++ compiler, debugger and simulator are also available.
INTERNAL BUS
MEMORY ACCESS FIREWALL
I/O
1 SERIAL
I/O
INTER-
FACE
GND
8 BIT
CPU
3 X
8 BIT
TIMERS
CRC
MODULE
CLK
CLOCK
GENE-
RATOR
MODULE
ST ROM, MAP and EDES FIREWALL
RAM
USER ROM
ST ROM
and CRYPTO
LIBRARY
EDES
ACCELE-
RATOR
MAP
432
Vcc
GUN A
&
GUN B
SECU-
RITY
ADMIN.
RESET
EEPROM



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com