Electronic Components Datasheet Search
  English  ▼

X  

STD2NK70Z Datasheet(PDF) 3 Page - STMicroelectronics

Part # STD2NK70Z
Description  N-CHANNEL 700 V - 6 W - 1.6 A DPAK/IPAK Zener-Protected SuperMESHTM MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD2NK70Z Datasheet(HTML) 3 Page - STMicroelectronics

  STD2NK70Z Datasheet HTML 1Page - STMicroelectronics STD2NK70Z Datasheet HTML 2Page - STMicroelectronics STD2NK70Z Datasheet HTML 3Page - STMicroelectronics STD2NK70Z Datasheet HTML 4Page - STMicroelectronics STD2NK70Z Datasheet HTML 5Page - STMicroelectronics STD2NK70Z Datasheet HTML 6Page - STMicroelectronics STD2NK70Z Datasheet HTML 7Page - STMicroelectronics STD2NK70Z Datasheet HTML 8Page - STMicroelectronics STD2NK70Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3/12
STD2NK70Z - STD2NK70Z-1
TABLE 7: ELECTRICAL CHARACTERISTICS (TCASE =25°C UNLESS OTHERWISE SPECIFIED)
On /Off
Table 8: Dynamic
Table 9: Source Drain Diode
(1) Pulsed: Pulse duration = 300 µs, duty cycle 1.5%
(2) Pulse width limited by safe operating area
(3) Coss eq. is defined as a constant equivalent capacitance giving the same charging time as Coss when VDS increases from 0 to 80% VDSS
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source Breakdown
Voltage
ID = 1 mA, VGS = 0
700
V
IDSS
Zero Gate Voltage
Drain Current (VGS = 0)
VDS = Max Rating
VDS = Max Rating, TC = 125°C
1
50
µA
µA
IGSS
Gate-body Leakage
Current (VDS = 0)
VGS = ± 20 V
± 10
µA
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 50 µA
3
3.75
4.5
V
RDS(on)
Static Drain-source On
Resistance
VGS = 10 V, ID = 0.8 A
6
7
Ω
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
gfs (1)
Forward Transconductance
VDS = 15 V,
ID = 0.8 A
1.4
S
Coss eq.(3)
Equivalent Output
Capacitance
VGS = 0 V, VDS = 0 to 560 V
17
Ciss
Coss
Crss
Input Capacitance
Output Capacitance
Reverse Transfer
Capacitance
VDS = 25 V, f = 1 MHz, VGS = 0
280
35
6.5
pF
pF
pF
td(on)
tr
td(off)
tf
Turn-on Delay Time
Rise Time
Turn-off-Delay Time
Fall Time
VDD = 350 V, ID = 0.8 A,
RG = 4.7 Ω, VGS = 10 V
(see Figure 17)
7
17
20
35
ns
ns
ns
ns
Qg
Qgs
Qgd
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
VDD = 560 V, ID = 0.8 A,
VGS = 10 V
(see Figure 20)
11.4
2
6.8
15
nC
nC
nC
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ISD
ISDM (2)
Source-drain Current
Source-drain Current (pulsed)
1.6
6.4
A
A
VSD (1)
Forward On Voltage
ISD = 1.6 A, VGS = 0
1.6
V
trr
Qrr
IRRM
Reverse Recovery Time
Reverse Recovery Charge
Reverse Recovery Current
ISD = 1.6, di/dt = 100 A/µs
VDD =50 V, Tj = 25°C
(see Figure 18)
334
918
5.5
ns
µC
A
trr
Qrr
IRRM
Reverse Recovery Time
Reverse Recovery Charge
Reverse Recovery Current
ISD = 1.6, di/dt = 100 A/µs
VDD = 50 V, Tj = 150°C
(see Figure 18)
350
1050
6
ns
µC
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com