Electronic Components Datasheet Search
  English  ▼

X  

STPS1L30A Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPS1L30A
Description  LOW DROP POWER SCHOTTKY RECTIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS1L30A Datasheet(HTML) 2 Page - STMicroelectronics

  STPS1L30A Datasheet HTML 1Page - STMicroelectronics STPS1L30A Datasheet HTML 2Page - STMicroelectronics STPS1L30A Datasheet HTML 3Page - STMicroelectronics STPS1L30A Datasheet HTML 4Page - STMicroelectronics STPS1L30A Datasheet HTML 5Page - STMicroelectronics STPS1L30A Datasheet HTML 6Page - STMicroelectronics STPS1L30A Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
STPS1L30
2/7
Table 4: Thermal Resistance
Table 5: Static Electrical Characteristics
Pulse test:
* tp = 380 µs,
δ < 2%
To evaluate the conduction losses use the following equation: P = 0.225 x IF(AV) + 0.075 IF
2
(RMS)
Symbol
Parameter
Value
Unit
Rth(j-l)
Junction to lead
SMA
30
°C/W
SMB
25
Symbol
Parameter
Tests conditions
Min.
Typ
Max.
Unit
IR *
Reverse leakage current
Tj = 25°C
VR = VRRM
200
µA
Tj = 100°C
615
mA
VF *
Forward voltage drop
Tj = 25°C
IF = 1A
0.395
V
Tj = 125°C
0.26
0.3
Tj = 25°C
IF = 2A
0.445
Tj = 125°C
0.325
0.375
Figure 1: Average forward power dissipation
versus average forward current
Figure 2: Average forward current versus
ambient temperature (
δ = 0.5)
Figure
3:
Normalized
avalanche
power
derating versus pulse duration
Figure
4:
Normalized
avalanche
power
derating versus junction temperature
P
(W)
F(AV)
T
δ=tp/T
tp
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
δ = 1
δ = 0.5
δ = 0.2
δ = 0.1
δ = 0.05
I
(A)
F(AV)
0
25
50
75
100
125
150
I
(A)
F(AV)
T
δ=tp/T
tp
0.0
0.2
0.4
0.6
0.8
1.0
1.2
T
(°C)
amb
R
=100°C/W
th(j-a)
R
=120°C/W
th(j-a)
R=R
th(j-a)
th(j-I)
0.001
0.01
0.1
0.01
1
0.1
10
100
1000
1
t (µs)
p
P(t )
P
(1µs)
ARM p
ARM
0
0.2
0.4
0.6
0.8
1
1.2
25
50
75
100
125
150
T (°C)
j
P(t )
P
(25°C)
ARM p
ARM



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com