Electronic Components Datasheet Search
  English  ▼

X  

UP9505 Datasheet(PDF) 39 Page - uPI Group Inc.

Part # UP9505
Description  Phase PWM Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP9505 Datasheet(HTML) 39 Page - uPI Group Inc.

Back Button UP9505 Datasheet HTML 32Page - uPI Group Inc. UP9505 Datasheet HTML 33Page - uPI Group Inc. UP9505 Datasheet HTML 34Page - uPI Group Inc. UP9505 Datasheet HTML 35Page - uPI Group Inc. UP9505 Datasheet HTML 36Page - uPI Group Inc. UP9505 Datasheet HTML 37Page - uPI Group Inc. UP9505 Datasheet HTML 38Page - uPI Group Inc. UP9505 Datasheet HTML 39Page - uPI Group Inc. UP9505 Datasheet HTML 40Page - uPI Group Inc.  
Zoom Inzoom in Zoom Outzoom out
 39 / 40 page
background image
uP9505
39
uP9505-DS-F0000, June 2017
www.upi-semi.com
Package Information
Note
1.Package Outline Unit Description:
BSC: Basic. Represents theoretical exact dimension or dimension target
MIN: Minimum dimension specified.
MAX: Maximum dimension specified.
REF: Reference. Represents dimension for reference use only. This value is not a device specification.
TYP. Typical. Provided as a general value. This value is not a device specification.
2.Dimensions in Millimeters.
3.Drawing not to scale.
4.These dimensions do not include mold flash or protrusions. Mold flash or protrusions shall not exceed 0.15mm.
VQFN6x6 - 52L Package
5.90 - 6.10
Pin 1 mark
Bottom View - Exposed Pad
0.15 - 0.25
4.40 - 4.60
0.35 - 0.45
0.00 - 0.05
0.20 REF
0.80 -1.00
0.31 - 0.41
0.13 - 0.23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com