Electronic Components Datasheet Search
  English  ▼

X  

STV6433 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STV6433
Description  Filtered Video Buffers for STB and DVD Devices
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6433 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STV6433 Datasheet HTML 2Page - STMicroelectronics STV6433 Datasheet HTML 3Page - STMicroelectronics STV6433 Datasheet HTML 4Page - STMicroelectronics STV6433 Datasheet HTML 5Page - STMicroelectronics STV6433 Datasheet HTML 6Page - STMicroelectronics STV6433 Datasheet HTML 7Page - STMicroelectronics STV6433 Datasheet HTML 8Page - STMicroelectronics STV6433 Datasheet HTML 9Page - STMicroelectronics STV6433 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Package Mechanical Data
STV6433
8/10
4
Package Mechanical Data
Figure 3: 8-Pin Small Outline Package (SO8)
Table 2: SO8 Package Dimensions
Dim.
mm
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.75
0.069
a1
0.1
0.25
0.004
0.010
a2
1.65
0.065
a3
0.65
0.85
0.026
0.033
b
0.35
0.48
0.014
0.019
b1
0.19
0.25
0.007
0.010
C
0.25
0.50
0.010
0.020
c1
45°
45°
D
4.8
5.0
0.189
0.197
E
5.8
6.2
0.228
0.244
e1.27
0.050
e3
3.81
0.150
F
3.8
4.0
0.15
0.157
L
0.40
1.27
0.016
0.050
M
0.60
0.024
S8°
8°
b
e3
e
D
8
5
14
F
M
A
a2
S
L
C
c1
a3
a1
E
b1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com