Electronic Components Datasheet Search
  English  ▼

X  

SZMD0502 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SZMD0502
Description  Ultra Low Capacitance TVS/ESD Protection Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SZMD0502 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SZMD0502 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SZMD0502 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Elektronische Bauelemente
SZMD0502
45W, 5V
Ultra Low Capacitance TVS/ESD Protection Diode
04-Aug-2017 Rev. A
Page 2 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ABSOLUTE MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak Pulse Power 1
PPP
45
W
Peak Pulse Current 1
IPP
3
A
Air model
±15
IEC61000-4-2
Contact model
VESD
±12
KV
Operating Temperature
TOPT
-55~125
°C
Storage Temperature
TSTG
-55~150
°C
Notes:
1.
According to IEC61000-4-5, the waveform of the non-repetitive 8/20 s pulsed current decays by exponents.
ELECTRICAL CHARACTERISTICS (T
A=25
°C unless otherwise noted)
Parameter
Test Condition
Symbol
Min.
Typ.
Max.
Unit
Reverse Working Voltage
I/O to GND
VRWM
-
-
5
V
Reverse Breakdown Voltage
IT=1mA
Between I/O and GND
VBR
6
-
-
V
Reverse Leakage Current
VRWM=5V
Between I/O and GND
IR
-
-
1
µA
Clamping Voltage
IPP=1A, tp=8/20µs
Between I/O and GND
VC
-
8.5
12
V
Forward Voltage
IT=10mA
Between I/O and GND
VF
-
-
1
V
Junction Capacitance 1
VR=0V, f=1MHz
Between I/O and GND
CJ1
-
1
1.4
pF
Junction Capacitance 2
VR=0V, f=1MHz
Between I/O and I/O
CJ2
-
0.5
0.7
pF
ELECTRICAL CHARACTERISTICS CURVES



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com