Electronic Components Datasheet Search
  English  ▼

X  

SD36 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SD36
Description  TVS Protection (Uni-Directional)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SD36 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SD36 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SD36 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Elektronische Bauelemente
SD36
350W, 36V
TVS Protection (Uni-Directional)
09-Aug-2017 Rev. A
Page 2 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ABSOLUTE MAXIMUM RATINGS (T
A=25°C unless otherwise specified)
Rating
Symbol
Value
Unit
Air Model
±15
ESD Voltage(IEC61000−4−2)
Contact Model
VESD
±8
kV
Peak Pulse Power@ tp=8/20µs pulse waveform
PPP
350
W
Maximum Lead Solder Temperature@ 10 second duration
TL
260
°C
Operating Junction and Storage Temperature Range
TJ, TSTG
-55~150
°C
ELECTRICAL CHARACTERISTICS (T
A=25°C unless otherwise specified)
VRWM
(V)
VB
(V)
IT
(mA)
VC@1A
(V)
VC@5A
(V)
IR
(uA)
CT
(pF)
Device
Max.
Min.
Max.
Max.
Max.
Max.
SD36
36
40
1
60
75
1
60
ELECTRICAL CHARACTERISTICS CURVE



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com