Electronic Components Datasheet Search
  English  ▼

X  

BDS18 Datasheet(PDF) 1 Page - TT Electronics.

Part # BDS18
Description  SILICON PLANAR EPITAXIAL PNP TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

BDS18 Datasheet(HTML) 1 Page - TT Electronics.

  BDS18 Datasheet HTML 1Page - TT Electronics. BDS18 Datasheet HTML 2Page - TT Electronics. BDS18 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SILICON PLANAR EPITAXIAL
PNP TRANSISTOR
Semelab Limited reserves the right to change test conditions, parameter limits and package dimensions without notice.
Information furnished by Semelab is believed to be both accurate and reliable at the time of going to press. However
Semelab assumes no responsibility for any errors or omissions discovered in its use. Semelab encourages customers to
verify that datasheets are current before placing orders.
Semelab Limited
Semelab Limited
Semelab Limited
Semelab Limited
Coventry Road, Lutterworth, Leicestershire, LE17 4JB
Telephone +44 (0) 1455 556565
Fax +44 (0) 1455 552612
Email: sales@semelab-tt.com
Website: http://www.semelab-tt.com
Document Number 8667
Issue 1
Page 1 of 3
BDS18
•
High Voltage
•
Hermetic TO220 Isolated Metal Package
•
Ideally suited for Power Linear, Switching
and general Purpose Applications
•
Screening Options Available
ABSOLUTE MAXIMUM RATINGS (T
C = 25°C unless otherwise stated)
VCBO
Collector – Base Voltage
-120V
VCEO
Collector – Emitter Voltage
-120V
VEBO
Emitter – Base Voltage
-5V
IC
Continuous Collector Current
-8A
IB
Base Current
-2A
PD
Total Power Dissipation at
TC ≤ 75°C
50W
Derate Above 75°C
0.4W/°C
TJ
Junction Temperature Range
-65 to +200°C
Tstg
Storage Temperature Range
-65 to +200°C
THERMAL PROPERTIES
Symbols
Parameters
Max.
Units
RθJC
Thermal Resistance, Junction To Case
2.5
°C/W
** This datasheet supersedes document 3346


Similar Part No. - BDS18

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BDS18 SEME-LAB-BDS18 Datasheet
69Kb / 3P
SILICON PNP EPITAXIAL BASE IN TO220 METAL AND SMD1 CERAMIC SURFACE MOUNT PACKAGES
BDS18 SEME-LAB-BDS18 Datasheet
521Kb / 3P
SILICON PLANAR EPITAXIAL PNP TRANSISTOR
logo
Inchange Semiconductor ...
BDS18 ISC-BDS18 Datasheet
193Kb / 2P
isc Silicon PNP Power Transistor
logo
Seme LAB
BDS18SMD SEME-LAB-BDS18SMD Datasheet
69Kb / 3P
SILICON PNP EPITAXIAL BASE IN TO220 METAL AND SMD1 CERAMIC SURFACE MOUNT PACKAGES
BDS18SMD SEME-LAB-BDS18SMD Datasheet
461Kb / 3P
SILICON PLANAR EPITAXIAL PNP TRANSISTOR
More results

Similar Description - BDS18

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUR532H AUK-SUR532H Datasheet
235Kb / 3P
Epitaxial planar PNP silicon transistor
SUR546J AUK-SUR546J Datasheet
229Kb / 3P
Epitaxial planar PNP silicon transistor
SUR550J AUK-SUR550J Datasheet
229Kb / 3P
Epitaxial planar PNP silicon transistor
logo
Continental Device Indi...
CMBT857 CDIL-CMBT857 Datasheet
115Kb / 3P
PNP EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HSB649T HSMC-HSB649T Datasheet
43Kb / 4P
SILICON PNP EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
GI5706 GTM-GI5706 Datasheet
948Kb / 3P
PNP EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
KTA2015W BILIN-KTA2015W Datasheet
171Kb / 4P
PNP Silicon Epitaxial Planar Transistor
MMSTA92 BILIN-MMSTA92 Datasheet
131Kb / 2P
PNP Silicon Epitaxial Planar Transistor
logo
Guangdong Kexin Industr...
2SA1772 KEXIN-2SA1772 Datasheet
44Kb / 2P
PNP Epitaxial Planar Silicon Transistor
logo
SHENZHEN YONGERJIA INDU...
A92 WINNERJOIN-A92 Datasheet
207Kb / 4P
PNP Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com