Electronic Components Datasheet Search
  English  ▼

X  

POPA202IDBVR Datasheet(PDF) 7 Page - Texas Instruments

Part # POPA202IDBVR
Description  Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifier
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

POPA202IDBVR Datasheet(HTML) 7 Page - Texas Instruments

Back Button POPA202IDBVR Datasheet HTML 3Page - Texas Instruments POPA202IDBVR Datasheet HTML 4Page - Texas Instruments POPA202IDBVR Datasheet HTML 5Page - Texas Instruments POPA202IDBVR Datasheet HTML 6Page - Texas Instruments POPA202IDBVR Datasheet HTML 7Page - Texas Instruments POPA202IDBVR Datasheet HTML 8Page - Texas Instruments POPA202IDBVR Datasheet HTML 9Page - Texas Instruments POPA202IDBVR Datasheet HTML 10Page - Texas Instruments POPA202IDBVR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
7
OPA202
www.ti.com
SBOS812B – OCTOBER 2017 – REVISED DECEMBER 2018
Product Folder Links: OPA202
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
6.6 Typical Characteristics
Table 1. Table of Graphs
DESCRIPTION
FIGURE
Offset Voltage Production Distribution
Figure 1
Offset Voltage Drift Distribution From –40°C to +105°C
Figure 2
Input Bias Current Production Distribution
Figure 3
Input Offset Current Production Distribution
Figure 4
Offset Voltage vs Temperature
Figure 5
Offset Voltage vs Common-Mode Voltage
Figure 6
Offset Voltage vs Supply Voltage
Figure 7
Open-Loop Gain and Phase vs Frequency
Figure 8
Closed-Loop Gain vs Frequency
Figure 9
Input Bias Current vs Common-Mode Voltage
Figure 10
Input Bias Current and Offset vs Temperature
Figure 11
Output Voltage Swing vs Output Current
Figure 12
Output Voltage Swing vs Output Current (Sourcing)
Figure 13
Output Voltage Swing vs Output Current (Sinking)
Figure 14
CMRR and PSRR vs Frequency
Figure 15
CMRR vs Temperature
Figure 16
PSRR vs Temperature
Figure 17
0.1-Hz to 10-Hz Voltage Noise
Figure 18
Input Voltage Noise Spectral Density vs Frequency
Figure 19
THD+N Ratio vs Frequency
Figure 20
THD+N vs Output Amplitude
Figure 21
Quiescent Current vs Supply Voltage
Figure 22
Quiescent Current vs Temperature
Figure 23
Open-Loop Gain vs Temperature (10-kΩ)
Figure 24
Open-Loop Gain vs Output Voltage Swing to Supply
Figure 25, Figure 26
Open-Loop Output Impedance vs Frequency
Figure 27
Small-Signal Overshoot vs Capacitive Load (10-mV Step)
Figure 28
No Phase Reversal
Figure 29
Positive Overload Recovery
Figure 30
Negative Overload Recovery
Figure 31
Small-Signal Step Response (10-mV Step)
Figure 32, Figure 33
Large-Signal Step Response (10-V Step)
Figure 34, Figure 35
Settling Time (10-V Step)
Figure 36
Short-Circuit Current vs Temperature
Figure 37
Maximum Output Voltage vs Frequency
Figure 38
EMIRR vs Frequency
Figure 39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com