Electronic Components Datasheet Search
  English  ▼

X  

UP1537PDDA Datasheet(PDF) 4 Page - uPI Group Inc.

Part # UP1537PDDA
Description  High Performance, Single Synchronous Step-Down Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP1537PDDA Datasheet(HTML) 4 Page - uPI Group Inc.

  UP1537PDDA Datasheet HTML 1Page - uPI Group Inc. UP1537PDDA Datasheet HTML 2Page - uPI Group Inc. UP1537PDDA Datasheet HTML 3Page - uPI Group Inc. UP1537PDDA Datasheet HTML 4Page - uPI Group Inc. UP1537PDDA Datasheet HTML 5Page - uPI Group Inc. UP1537PDDA Datasheet HTML 6Page - uPI Group Inc. UP1537PDDA Datasheet HTML 7Page - uPI Group Inc. UP1537PDDA Datasheet HTML 8Page - uPI Group Inc. UP1537PDDA Datasheet HTML 9Page - uPI Group Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
uP1537
4
uP1537-DS-F0000, Feb. 2018
www.upi-semi.com
The uP1537 implements an unique RCOTTM control
topology for the synchronous Buck. The uP1537 does not
require the external compensator. The RCOTTM supports
extremely low ESR output capacitors and makes the
design easier and robust.
Enable and Soft Start
When the EN pin voltage rises above the enable threshold,
the controller enters its start up sequence. The first 250µs
calibrates the switching frequency setting resistance
attached at RF to GND and stores the switching frequency
code in internal registers. A voltage of 0.1V is applied to
RF for measurement. Switching is inhibited during this
period. In the second period, internal soft-start reference
voltage starts ramping up from 0V to 0.7V. This ramping
time is 750µs. Smooth and constant ramp up of the output
voltage is maintained during start up regardless of load
current. Connect a 1kΩ resistor in series with the EN pin
to provide protection.
On-Time Control and Frequency Setting
The uP1537 does not have a dedicated oscillator that
determines switching frequency. However, the device runs
with pseudo-constant frequency by feed-forwarding the
input and output voltages into its on-time one-shot timer.
The RCOTTM control adjusts the on-time to be inversely
proportional to the input voltage and proportional to the
output voltage. This makes the switching frequency fairly
constant in steady state conditions over wide input voltage
range. The switching frequency is selectable from four
preset values by a resistor connected to RF as shown in
Table 1. Leaving the RF pin open sets the switching
frequency to the lowest value, 290kHz, with Auto-skip
mode. However, it is recommended to apply one of the
resistances on the table in any application designs.
Table 1. Resistor and Switching Frequency
R
(
e
c
n
a
t
s
i
s
e
R
F
R
)
k
( Ω)
f
(
y
c
n
e
u
q
e
r
F
g
n
i
h
c
t
i
w
S
W
S
)
)
z
H
k
(
0
7
40
9
2
0
0
20
4
3
0
0
10
8
3
9
30
3
4
The off-time is modulated by a PWM comparator. The
VFB node voltage (the mid point of resistor divider) is
compared to the internal 0.7V reference voltage added
with a ramp signal. When both signals match, the PWM
comparator asserts the set signal to terminate the off-
Functional Description
time (turn off the low side MOSFET and turn on high side
MOSFET). The set signal becomes valid if the inductor
current level is below OCP threshold, otherwise the off-
time is extended until the current level becomes below
the threshold.
Light Load Condition in Auto-Skip Operation
When RF pin is pulled down to low via R
RF, the uP1537
automatically reduces switching frequency at light load to
maintain high efficiency. This reduction of the frequency
is achieved smoothly and without increasing VOUT ripples
or load regulation. As the output current decreases from
heavy load condition, the inductor current will also be
reduced, and eventually comes to the point that its valley
touches zero current, which is the boundary between
continuous conduction and discontinuous conduction
modes. By emulating the behavior of diodes, the low side
MOSFET allows only partial of negative current when the
inductor freewheeling current reaches negative. As the
load current is further decreased, it takes longer time to
discharge the output capacitor to the level than requires
the next ON cycle.
The transition point from discontinuous to continuous
conduction mode can be calculated as:
)
V
V
1
(
V
L
f
2
1
I
IN
OUT
OUT
OUT
OSC
OUT
−
×
×
×
×
=
Forced Continuous Conduction Mode
When the RF pin is tied high, the controller keeps
continuous conduction mode (CCM) in light load condition.
In this mode, switching frequency is kept almost constant
over the entire load range which is suitable for applications
need tight control of the switching frequency at a cost of
lower efficiency. To set the switching frequency to be the
same as Auto-skip mode, it is recommended to connect
R
RF to POK. In this way, RF is tied low prior to soft-start
operation to set frequency and tied high after POK
indicates high.
Output Voltage Setting
Connect a resistor voltage-divider at the FB between
VOUT and GND to adjust the respective output voltage
between 0.7V and 2.6V. Choose R
FB2 and solve for RFB1
using the equation as follows:
)
R
R
1
(
V
V
2
FB
1
FB
REF
OUT
+
×
=
where V
REF is 0.7V (typ.).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com