Electronic Components Datasheet Search
  English  ▼

X  

400DMQ040 Datasheet(PDF) 1 Page - International Rectifier

Part # 400DMQ040
Description  SCHOTTKY RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

400DMQ040 Datasheet(HTML) 1 Page - International Rectifier

  400DMQ040 Datasheet HTML 1Page - International Rectifier 400DMQ040 Datasheet HTML 2Page - International Rectifier 400DMQ040 Datasheet HTML 3Page - International Rectifier 400DMQ040 Datasheet HTML 4Page - International Rectifier 400DMQ040 Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
I
F(AV)
Rectangular
400
A
waveform
V
RRM
range
35 to 45
V
I
FSM
@ tp = 5 µs sine
29,000
A
V
F
@200Apk,T
J
=125°C
0.52
V
(per leg)
T
J
range
-55to150
°C
Characteristics
400DMQ... Units
Major Ratings and Characteristics
Description/ Features
The 400DMQ high current, Schottky rectifier doubler module
series has been optimized for very low forward voltage drop,
with moderate leakage. The proprietary barrier technology
allows for reliable operation up to 150 °C junction temperature.
Typical applications are in switching power supplies, convert-
ers, free-wheeling diodes, welding, and reverse battery
protection.
150 °C T
J
operation
High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
Very low forward voltage drop
High frequency operation
Guard ring for enhanced ruggedness and long term
reliability
SCHOTTKY RECTIFIER
400 Amp
400DMQ... SERIES
1
Bulletin PD-20736 rev. B 10/02
TO-244AB
isolated doubler
Modified JEDEC
Outline TO-244AB Isolated
Dimensions in millimeters and (inches)
1
2
3
www.irf.com


Similar Part No. - 400DMQ040

ManufacturerPart #DatasheetDescription
logo
International Rectifier
400DMQ IRF-400DMQ Datasheet
71Kb / 5P
The 400DMQ high current, Schottky rectifier doubler module series has been optimized for very low forward voltage drop, with moderate leakage.
More results

Similar Description - 400DMQ040

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS130A STMICROELECTRONICS-STPS130A Datasheet
72Kb / 6P
SCHOTTKY RECTIFIER
Jul-1998
logo
International Rectifier
30CTQ80G IRF-30CTQ80G Datasheet
163Kb / 6P
SCHOTTKY RECTIFIER
MBR40L15CW IRF-MBR40L15CW_06 Datasheet
199Kb / 6P
SCHOTTKY RECTIFIER
MBRS140TRPBF IRF-MBRS140TRPBF Datasheet
131Kb / 7P
SCHOTTKY RECTIFIER
MBRS190TRPBF IRF-MBRS190TRPBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
30WQ10FNPBF IRF-30WQ10FNPBF Datasheet
174Kb / 7P
SCHOTTKY RECTIFIER
322CNQ030 IRF-322CNQ030_03 Datasheet
114Kb / 5P
SCHOTTKY RECTIFIER
logo
AUK corp
SDB2040PI AUK-SDB2040PI Datasheet
303Kb / 4P
Schottky Rectifier
logo
International Rectifier
10BQ060PBF IRF-10BQ060PBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com