Electronic Components Datasheet Search
  English  ▼

X  

409DMQ150 Datasheet(PDF) 2 Page - International Rectifier

Part # 409DMQ150
Description  SCHOTTKY RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

409DMQ150 Datasheet(HTML) 2 Page - International Rectifier

  409DMQ150 Datasheet HTML 1Page - International Rectifier 409DMQ150 Datasheet HTML 2Page - International Rectifier 409DMQ150 Datasheet HTML 3Page - International Rectifier 409DMQ150 Datasheet HTML 4Page - International Rectifier 409DMQ150 Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
409DMQ... Series
2
Bulletin PD-20724 rev. B 10/02
www.irf.com
Parameters
409DMQ135
409DMQ150
V R
Max. DC Reverse Voltage (V)
V
RWM
Max. Working Peak Reverse Voltage (V)
135
150
Voltage Ratings
Absolute Maximum Ratings
Following any rated
load condition and with
rated VRRM applied
Parameters
409DMQ Units
Conditions
A
I
F(AV)
Max.AverageForward
400
A
50% duty cycle @ T
C
= 80 °C, rectangular wave form
Current (PerDevice)
I
FSM
Max.PeakOneCycleNon-Repetitive
20000
5µs Sine or 3µs Rect. pulse
SurgeCurrent (Per Leg)
2300
10ms Sine or 6ms Rect. pulse
E
AS
Non-RepetitiveAvalancheEnergy
15
mJ
T
J
= 25 °C, I
AS
= 1 Amps, L = 30 mH
(Per Leg)
I
AR
RepetitiveAvalancheCurrent
1
A
Current decaying linearly to zero in 1 µsec
(Per Leg)
Frequency limited by T
J
max. V
A
= 1.5 x V
R
typical
(1) Pulse Width < 300µs, Duty Cycle <2%
T
J
Max.JunctionTemperature Range
-55 to175
°C
Tstg
Max.Storage Temperature Range
-55 to175
°C
R
thJC
Max.Thermal Resistance Junction
0.4
°C/W DC operation
toCase (Per Leg)
R
thJC
Max.Thermal Resistance Junction
0.2
°C/W DC operation
toCase(Per Package)
R
thCS
Typical Thermal Resistance,Case
0.1
°C/W Mounting surface,smooth and greased
to Heatsink
wt
ApproximateWeight
79(2.80)
g(oz.)
T
MountingTorque Base
Min.
24(20)
Max.
35(30)
Mounting Torque Center Hole Typ.
13.5(12)
Terminal Torque
Min.
35(30)
Max.
46(40)
Case Style
TO - 244AB isolated doubler Modified JEDEC
Thermal-Mechanical Specifications
Parameters
409DMQ Units
Conditions
V
FM
Max. Forward Voltage Drop
1.03
V
@ 200A
(Per Leg)
(1)
1.21
V
@ 400A
0.71
V
@ 200A
0.82
V
@ 400A
I
RM
Max. Reverse Leakage Current
6
mA
T
J
= 25 °C
(Per Leg)
(1)
85
mA
T
J
= 125 °C
C
T
Max. Junction Capacitance (Per Leg)
6000
pF
V
R
= 5V
DC
, (test signal range 100Khz to 1Mhz) 25°C
L
S
Typical Series Inductance (Per Leg)
5.0
nH
From top of terminal hole to mounting plane
dv/dt Max. Voltage Rate of Change
10000
V/ µs
(Rated V
R
)
T
J
= 25 °C
T
J
= 125 °C
V
R
= rated V
R
Parameters
409DMQ Units
Conditions
Kg-cm
(Ibf-in)
Electrical Specifications



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com