| Electronic Components Datasheet Search |
|
307C1421 Datasheet(PDF) 3 Page - Vishay Siliconix |
|
|
|||||||||||||||||||||||||||||
307C1421 Datasheet(HTML) 3 Page - Vishay Siliconix |
|
3 / 5 page ![]() www.vishay.com 13 307C Overcurrent Thermistors Vishay Cera-Mite Document Number: 23089 Revision 14-May-02 ceramite.support@vishay.com PTCR Overcurrent Protection VISHAY HOLD (IH) TRIP (IT) RESISTANCE SWITCH SIZE (D) CERA-MITE CURRENT CURRENT R25 TEMP. NOMINAL PART mA mA Ohms °C mm NUMBER 110 220 30 105 6.5 307C1127 100 200 15 70 8 307C1128 100 200 20 80 8 307C1126 110 220 18 80 8 307C1268 120 240 15 80 8 307C1129 140 280 15 105 8 307C1435 110 220 15 70 9.5 307C1134 130 260 15 80 9.5 307C1130 140 280 9 70 9.5 307C1436 150 300 10 80 9.5 307C1437 Note 1 Note 2 Note 3 Fig P-5 Fig P-6 PTC THERMISTORS FOR TELECOMMUNICATIONS PTC Thermistors provide protection for large digital switches. Vishay Cera- Mite has pioneered this field with ceramic PTC thermistors working closely with major telephone equip- ment and telephone protection manufacturers. The requirements are dynamic, as switch makers continually strive to protect at lower levels. Vishay Cera-Mite participates with industry standard technical committees to establish common definitions and understanding of this new tech- nology. Over-voltage Pressure Contact Line Tip C.O. Tip Ground C.O. Ring Over-Current Pressure Contact PTCR C.O. Ring To Battery OV PTCR C.O. Tip Leaded PTCR PTCR C.O. Tip C.O. Ring Line Ring Line Tip OV PTCR PTC THERMISTOR PELLETS FOR TELECOMMUNICATIONS Table 2 Fig P-7 Rated Voltage = 60 V DC Rated Current = 3A Maximum Voltage = 220 Vr m s Fig P-8 Time-Trip Curves for Popular Telecom Pellets Note 1 Hold and trip currents are specified at 25°C ambient. Note 2 R25 is nominal zero power resistance at 25°C with tolerance of ± 20%. Note 3 All pellets have silver elec- trodes suitable for pressure contact mounting. INTERRUPTING CAPACITY ESTIMATES Under unusual circumstances, telecommunication lines may be subjected to high surge currents as might occur from lightning effects or accidental crossing with power lines or transformer primaries. Fig P-10 shows trip time curves for higher currents. Estimated interrupting capability data is also shown in Table 3 and is expressed as “I 2 t Let Through” based on test data conducted in accordance with UL 497A and CSA 22.2 No. 0.7-M1985. The data shown is for reference. Specific short circuit data or interrupting capability is partially determined by the mounting means and circuit application. Fig P-9 Fig P-10 Time VS. Current Curves for High Current Surges (25°C) D Base Electrode T Silver Electrode Solid Ceramic Disc 2.5mm Current (Amperes) Operating Time to 50% Current 0 .05 1 1.5 2 2.5 3 307C1130 307C1129 307C1128 307C1126 307C1127 PTCR Scope Time To RL 1/2 Current (Amperes) 2 4 6 8 10 12 14 16 18 20 10,000 1,000 100 10 10 ohm, 80°C Pellets for Diameters (mm 14.5mm 12.5mm 11.0mm 9.5mm 8.0mm 6.5mm Variable Voltage Source 0-600V 60Hz Current Probe or 26 AWG Pair A = 1.5 sec. B = 5 sec. C = 30 min. A B C PTCR Current Limiter 15 85 275 Timed Interrupter 2 t Let Through 100 10 1 0.1 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |